Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC3150-D9C-TR5 Datasheet(PDF) 1 Page - Cymbet Corporation

Part # CBC3150-D9C-TR5
Description  EnerChip CC with Integrated Power Management
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3150-D9C-TR5 Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC3150-D9C-TR5 Datasheet HTML 1Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 2Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 3Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 4Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 5Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 6Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 7Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 8Page - Cymbet Corporation CBC3150-D9C-TR5 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2009-2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-03 Rev F
Page 1 of 16
EnerChip CC with Integrated Power Management
EnerChip™ CC CBC3150
Features
• Power Manager with Charge Control
• Integrated 50µAh Thin Film Energy Storage
• Built-in Energy Storage Protection
• Temperature Compensated Charge Control
• Adjustable Switchover Voltage
• Charges Integrated EnerChip Over a Wide Supply
Range
• Low Standby Power
• SMT - Solder Reflow Tolerant
• Thousands of Recharge Cycles
• Low Self-Discharge
• Eco-Friendly, RoHS Compliant
The EnerChip CC is the world’s first Intelligent Thin
Film Energy Storage Device. It is an integrated
solution that provides backup energy storage and
power management for systems requiring power
bridging and/or secondary power. The EnerChip CC is
essentially a UPS in a Chip™ drop in solution.
During normal operation, the EnerChip CC charges
itself with a controlled voltage using an internal
charge pump that operates from 2.5V to 5.5V. An
ENABLE pin allows for activation and deactivation
of the charge pump using an external control line
in order to minimize current consumption and take
advantage of the fast recharge time of the EnerChip.
When the primary power supply dips below a user-
defined threshold voltage, the EnerChip CC will signal
this event and route the EnerChip voltage to VOUT.
The EnerChip CC also has energy storage protection
circuitry to enable thousands of recharge cycles.
The CBC3150 is a 20-pin, 9 mm x 9 mm Dual Flat No-
lead (DFN) package, available in tubes, trays, or tape-
and-reel for use with automatic insertion equipment.
9 mm x 9 mm
DFN SMT Package
Applications
• Standby supply
for non-volatile SRAM, Real-time
clocks, controllers, supply supervisors, and other
system-critical components.
• Wireless sensors and RFID tags
and other
powered, low duty cycle applications.
• Localized power source
to keep microcontrollers
and other devices alert in standby mode.
• Power bridging
to provide back-up power to
system during exchange of main batteries.
• Consumer appliances
that have real-time
clocks; provides switchover power from main
supply to integrated backup energy storage.
• Business and industrial systems
such as:
network routers, point-of-sale terminals, single-
board computers, test equipment, multi-function
printers, industrial controllers, and utility meters.
• Energy Harvesting
by coupling the EnerChip
with energy transducers such as solar panels.
Figure 1 - Typical EnerChip CC
Application Circuit


Similar Part No. - CBC3150-D9C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
229Kb / 3P
   Capacitance to EnerChip Battery Charge Conversion Guide
CBC3150-D9C-TR5 CYMBET-CBC3150-D9C-TR5 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results

Similar Description - CBC3150-D9C-TR5

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com