Electronic Components Datasheet Search |
|
CBC-EVAL-11 Datasheet(PDF) 5 Page - Cymbet Corporation |
|
CBC-EVAL-11 Datasheet(HTML) 5 Page - Cymbet Corporation |
5 / 8 page EnerChip™ CC Inductive Charging Evaluation Kit ©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com DS-72-14 Rev C Page 5 of 8 Absolute Maximum Ratings Parameter Condition Min Typical Max Units Output Voltage VOUT VDD > V TH - VDD - V Output Voltage VOUT (Backup Mode) VDD < V TH 2.2 3.3 3.6 V EnerChip Pulse Discharge Current - variable - see App. Note 1025 - Self-Discharge (5 yr average, 25°C) non-recoverable - 2.5 - % per year recoverable - 1.5(1) - % per year Operating Temperature - -20 25 +70 °C Storage Temperature - -40 - +125 (2) °C Cell Resistance 25°C - 1500 2500 Ω Recharge Cycles (to 80% of rated ca- pacity; 4.1 V charge voltage) 25°C 10% depth-of-discharge 5000 - - - 50% depth-of discharge 1000 - - - 40°C 10% depth-of-discharge 2500 - - - 50% depth-of-discharge 500 - - - Recharge Time (to 80% of rated capacity) 4.1 V constant volta ge - 30 - minutes Capacity 100 µA discharge; 25°C 50 - - µAh (1) First month recoverable self discharge is 5% average. (2) Storage temperature is for uncharged EnerChip CC device. Typical Discharge Capacity Characteristics Typical Discharge Rate Performance Note:Allspecificationscontainedwithinthisdocumentaresubjecttochangewithoutnotice Parameter Condition Min Typical Max Units VDD with respect to GND 25°C GND - 0.3 - 6.0 V ENABLE and VMODE Input Voltage 25°C GND - 0.3 - VDD+0.3 V VBAT (1) 25°C 3.0 - 4.3 V VCHG (1) 25°C 3.0 - 4.3 V VOUT 25°C GND-0.3 - 6.0 V RESET Output Voltage 25°C GND - 0.3 - VOUT+0.3 V CP, Flying Capacitor Voltage 25°C GND - 0.3 - 6.0 V CN 25°C GND - 0.3 - VDD+0.3 V Operating Characteristics (1) No external connections to these pins are allowed, except parallel EnerChips. |
Similar Part No. - CBC-EVAL-11 |
|
Similar Description - CBC-EVAL-11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |