Electronic Components Datasheet Search |
|
V375B12C200BL Datasheet(PDF) 7 Page - Vicor Corporation |
|
V375B12C200BL Datasheet(HTML) 7 Page - Vicor Corporation |
7 / 13 page 375V Mini Family Rev 8.6 vicorpower.com Page 7 of 13 4/2013 800 735.6200 375V Input MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency 86.5 87.5 % Nominal input; full load; 25°C Ripple and noise 166 208 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, standby 6.4 6.7 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 5.55 Amps Current limit 5.67 6.39 7.51 Amps Output voltage 95% of nominal Short circuit current 3.89 6.39 7.51 Amps Output voltage <250 mV 36 Vout, 200 W (e.g. V375B36C200BL) Parameter Min Typ Max Unit Notes Efficiency 87 88.4 % Nominal input; full load; 25°C Ripple and noise 220 275 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP setpoint 53.7 55.7 57.7 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, standby 8.3 9.1 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 4.17 Amps Current limit 4.25 4.8 5.63 Amps Output voltage 95% of nominal Short circuit current 2.91 4.8 5.63 Amps Output voltage <250 mV 48 Vout, 200 W (e.g. V375B48C200BL) Parameter Min Typ Max Unit Notes Efficiency 86 89 % Nominal input; full load; 25°C Ripple and noise 170 213 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP setpoint 53.7 55.7 57.7 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, standby 5.2 7.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 6.25 Amps Current limit 6.37 7.19 8.13 Amps Output voltage 95% of nominal Short circuit current 4.37 7.19 8.13 Amps Output voltage <250 mV 48 Vout, 300 W (e.g. V375B48C300BL) |
Similar Part No. - V375B12C200BL |
|
Similar Description - V375B12C200BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |