Selected language     English  ▼


X-1744057-Y Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. X-1744057-Y
Description  Quick Reference Guide Economy Power Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
te.com/products/EP
Economy Power Connector System
TE Connectivity
.100 EP 2.5 CRIMP RECEPTACLE CONTACTS
Phos Bronze, Pre-Tin
26-22 AWG
8000/reel
2110989-1
.100 EP 2.5 PLUG HOUSINGS
Position size
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Housing
X-2110992-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0
.100 EP 2.5 VERTICAL SHROUDED HEADERS
Position size
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
With Boss
X-2132230-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0
Without Boss
X-2132415-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0
Economy Power 2.5 mm (EP 2.5)
.156 ECONOMY POWER CRIMP, RECEPTACLE CONTACTS, BREAKAWAY TPA DEVICE
Material/Finish
Wire Size
Strip Form
Loose Piece
TPA
TPA Type
Economy Power
Phos Bronze,Pre-Tin
18-22 AWG
1123721-1
1318912-1
NA
NA
Brass,Pre-Tin
18-22 AWG
1123721-2
1318912-2
NA
NA
Economy Power II
Phos Bronze,Pre-Tin
18-22 AWG
1744144-1
1744395-1
1-2132782-2
12 Pos Breakaway
16-20 AWG
1744201-1
1744396-1
.312 ECONOMY POWER STRAIGHT POST HEADERS
Position size
2
3
4
5
6
7
8
9
10
11
12
Bulk Pack
X-1123724-Y
1- -2
1- -3
1- -4
1- -5
1- -6
--
--
--
--
--
--
Tube Loaded
X-1318301-Y
1- -2
1- -3
1- -4
1- -5
--
--
--
--
--
--
--
Economy Power (EP) and EP II
.156 ECONOMY POWER STRAIGHT LOW-PROFILE HEADERS
Position size
2
3
4
5
6
7
8
9
10
11
12
Bulk Pack
X-1123723-Y
1- -2
1- -3
1- -4
1- -5
1- -6
1- -7
1- -8
1- -9
1- -0
1- -1
1-647689-2
Tube Loaded
X-1318300-Y
1- -2
1- -3
1- -4
1- -5
1- -6
1- -7
1- -8
1- -9
1- -0
1- -1
--
Bulk with Pegs
X-1744057-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
1- -2
Bulk, High Temperature
X-1744055-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
--
Vertical Shrouded
X-1877285-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
1- -2
Note : Additional colors available upon request.
Note : Additional colors available upon request.
.156 ECONOMY POWER LOW-PROFILE PLUG HOUSINGS
Position size
2
3
4
5
6
7
8
9
10
11
12
Economy Power
X-1123722-Y
1- -2
1- -3
1- -4
1- -5
1- -6
1- -7
1- -8
1- -9
1- -0
1- -1
1-647690-2
Economy Power II
X-2132781-Y
2132813-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
1- -2
.156 ECONOMY POWER RIGHT-ANGLE LOW-PROFILE POST HEADERS
Position size
2
3
4
5
6
7
8
9
10
11
12
Bulk Pack
X-647676-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
1- -2
Bulk, High Temperature
X-1744056-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
1- -2
Note : Additional colors available upon request.
.200 ECONOMY POWER POST HEADERS
Position size
2
3
4
5
6
7
8
9
10
11
12
Straight
X-1744037-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
1- -2
Right angle
X-1744048-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
1- -2
Note : Additional colors available upon request.
.200 ECONOMY POWER PLUG HOUSINGS
Position size
2
3
4
5
6
7
8
9
10
11
12
Economy Power
X-1744036-Y
-2
-3
-4
-5
-6
-7
-8
-9
1- -0
1- -1
1- -2
Note : Additional colors available upon request.
Part Number Ordering : Example for X-2110992-Y Housing*
-2 thru -9
Substitute dash number listed for “Y”, therefore a -2 signifies PN 2110922-2
1- -0 thru 2- -0
Substitute first number for “X” and second number listed for “Y”, therefore a
1- -2 signifies PN 1-2110922-2
* Follow same numbering scheme throughout for other part numbers listed




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl