Electronic Components Datasheet Search
Selected language     English  ▼


X-1744037-Y Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. X-1744037-Y
Description  Quick Reference Guide Economy Power Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
te.com/products/EP
Economy Power Connector System
TE Connectivity
Headers*
1123723
.156 (3.96 mm) low profile header
(EP and EP II)
1877285
.156 (3.96 mm) Vertical shrouded
headers (EP and EP II)
1744057
.156 (3.96 mm) low profile post
header w/ pegs (EP and EP II)
1123724
.312 (7.92 mm) straight post header
(EP)
647676
.156 (3.96 mm) right angle post
header (EP and EP II)
2132230
.100 (2.5 mm) vertical shrouded
header w/ boss
(EP 2.5)
1744037
.200 (5.0 mm) straight post header
(EP)
2132415
.100 (2.5 mm) vetical shrouded
header w/o boss
(EP 2.5)
Product
Pos
Current Rating
Centerline
Voltage Rating
Operating Temperature Housing Rating
Wire Size
Economy Power (EP)
1-12
7.5
.156 (3.96)
250 VAC
-25°C to 105°C
UL 94V-0
18-22 AWG
Economy Power II (EP II)
2-12
11
.156 (3.96)
600 VAC
-55°C to 105°C
UL 94V-0
16-22 AWG
Ecomony Power 2.5 (EP 2.5)
2-20
3
.100 (2.50)
250 VAC
-55°C to 105°C
UL 94V-0
22-26 AWG
Housing*
2132781
.156 (3.96 mm) EP II Housing
1744036
.200 (5.0 mm) EP Housing
2110992
.100 (2.5 mm) EP 2.5 Housing
Housing Features
Electrical and Mechanical Specifications
Contact Features (EP II)
: Positive audible latch on housing
helps to ensure complete system mating
and provides durability in high vibration
applications.
: Anti-snag features
prevent wires from snagging on the latch.
EP II Housing contains
window slots
for continuity testing simultaneously
with
contact back-out check.
: Lanceless contact design on EP II
to ensure reliable contact seating
: EP II additional points of contact
for increased current rating.
: Asymmetrical design
prevents mis-insertion.
*Base part numbers shown. See following page for specific part numbers.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl