Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2015697-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2015697-1
Description  UMCC ??Ultraminiature Coax Connector & Cable Assembly Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2015697-1 Datasheet(HTML) 5 Page - Tyco Electronics

  2015697-1 Datasheet HTML 1Page - Tyco Electronics 2015697-1 Datasheet HTML 2Page - Tyco Electronics 2015697-1 Datasheet HTML 3Page - Tyco Electronics 2015697-1 Datasheet HTML 4Page - Tyco Electronics 2015697-1 Datasheet HTML 5Page - Tyco Electronics 2015697-1 Datasheet HTML 6Page - Tyco Electronics 2015697-1 Datasheet HTML 7Page - Tyco Electronics 2015697-1 Datasheet HTML 8Page - Tyco Electronics 2015697-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Interseries Cable Assemblies
UMCC – Ultraminiature Coax Connector & Cable Assembly Series
Page 5
Part Number
Description
Cable Dia
Length
UMCC Conn
Mated Height
Type
(H)
2032438-1
UMCC Plug to FME Plug
1.37mm
200mm
III
2.5mm
2032439-1
UMCC Plug to SMA Plug
1.37mm
200mm
III
2.5mm
2032440-1
UMCC Plug to SMA Blkhd Jack
1.37mm
200mm
III
2.5mm
2032441-1
UMCC Plug to MCX R/A Plug
0.81mm
200mm
II
2.0mm
2032442-1
UMCC Plug to MCX R/A Plug
1.37mm
200mm
III
2.5mm
2032443-1
UMCC Plug to MMCX R/A Plug
0.81mm
200mm
II
2.0mm
2032444-1
UMCC Plug to MMCX R/A Plug
1.37mm
200mm
III
2.5mm
200mm
20mm REF
200mm
20mm REF
20mm REF
200mm
200mm
20mm REF
200mm
20mm REF
Custom cable assembly lengths and connector confrgurations are available.
Contact Tyco Electronics with specific requirements.


Similar Part No. - 2015697-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2015698-2 TEC-2015698-2 Datasheet
9Mb / 18P
   STANDARD AND CUSTOM ANTENNAS FOR IOT
More results

Similar Description - 2015697-1

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
AMC RF-AMC Datasheet
87Kb / 2P
   Ultraminiature Product Series
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
TE Connectivity Ltd
C-2016677 TEC-C-2016677 Datasheet
151Kb / 1P
   RF CA,UMCC GEN2-GEN4,0.81,BK
logo
List of Unclassifed Man...
URM67 ETC2-URM67 Datasheet
144Kb / 1P
   Coax Cable
RG401 ETC2-RG401 Datasheet
26Kb / 1P
   Coax Cable
logo
TE Connectivity Ltd
C-2016695 TEC-C-2016695 Datasheet
153Kb / 1P
   RF CA, RP-SMA BULKHEAD TO UMCC IV WITH 1.13 CABLE
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
   RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
logo
Samtec, Inc
CCH-J-01 SAMTEC-CCH-J-01 Datasheet
248Kb / 4P
   SINGLE COMPLIANT COAX ASSEMBLY
logo
FCI connector
63721 FCI-CONNECTOR-63721 Datasheet
99Kb / 1P
   RIGHT ANGLE COAX ASSEMBLY
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com