Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0-1102855-7 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # 0-1102855-7
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0-1102855-7 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button 0-1102855-7 Datasheet HTML 31Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 32Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 33Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 34Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 35Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 36Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 37Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 38Page - List of Unclassifed Manufacturers 0-1102855-7 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
33
Bezeichnung
Description
1318112-1
1318111-1
1318110-1
1318109-1
1318108-1
1318107-1
1318106-1
1318105-1
0,08 – 0,2 (S)
0,3 – 0,85 (M)
0,08 – 0,2 (S)
0,3 – 0,85 (M)
0,08 – 0,2 (S)
0,3 – 0,85 (M)
0,08 – 0,2 (S)
0,3 – 0,85 (M)
Stiftkontakt vergoldet
Top contact gold plated
Bandkontakt/Stift vergoldet
Strip form
Top contact gold plated
Buchsenkontakt vergoldet
Receptable contact gold plated
Bandkontakt/Buchse vergoldet
Strip form
Receptable contact gold plated
Bestell-Nr.
Order No.
Maße mm2
Dimensions mm2
Bestelltext
Designation
Crimpkontakte Dynamic 2800 Serie/Crimp contacts Dynamic 2800 series
5A
Werkstoff: Kupferlegierung
Material: Copper alloy
Oberfläche:
Finish:
- vergoldet
- gold plated
Durchgangswiderstand:
≤3mΩ Contactresistance:≤3mΩ
Crimpanschluss:
Crimp terminal :
- mm
2
0,08 - 0,85 mm
2
- mm
2 0,08 - 0,85 mm2
- AWG
28 - 18
- AWG 28 - 18
2,63
2,36
8,5
15,9
9,2
22,0
2,58
2,6
Stiftkontakt/Top contact
2,63
2,36
8,5
15,9
9,2
22,0
2,58
2,6
Buchsenkontakt/Receptable contact
Werkzeug
Tool
91576-1
91595-1
(Applicator)
1385232-2
1385231-2
91596-1
91595-1
(Applicator)
1385232-2
1385231-2
Bezeichnung
Description
175287-2
175288-2
175289-2
987512-2
175284-2
175285-2
175286-2
917485-2
175216-2
175217-2
175218-2
917511-2
175194-2
175195-2
175196-2
917484-2
0,06 – 0,2 (S)
0,2 – 0,5 (M)
0,5 – 1,25 (L)
1,25 – 2,2 (2L)
0,06 – 0,2 (S)
0,2 – 0,5 (M)
0,5 – 1,25 (L)
1,25 – 2,2 (2L)
0,06 – 0,2 (S)
0,2 – 0,5 (M)
0,5 – 1,25 (L)
1,25 – 2,2 (2L)
0,06 – 0,2 (S)
0,2 – 0,5 (M)
0,5 – 1,25 (L)
1,25 – 2,2 (2L)
Stiftkontakt vergoldet
Top contact gold plated
Bandkontakt/Stift vergoldet
Strip form
Top contact gold plated
Buchsenkontakt vergoldet
Seceptable contact gold plated
Bandkontakt/Buchse vergoldet
Strip form
Receptable contact gold plated
Bestell-Nr.
Order No.
Maße mm2
Dimensions mm2
Bestelltext
Designation
Crimpkontakte Dynamic 3800 Serie/Crimp contacts Dynamic 3800 series
8A
Werkstoff: Kupferlegierung
Material: Copper alloy
Oberfläche:
Finish:
- vergoldet
- gold plated
Durchgangswiderstand:
≤3mΩ Contactresistance:≤3mΩ
Crimpanschluss:
Crimp terminal :
- mm
2
0,06 - 2,2 mm
2
- mm
2 0,06 - 2,2 mm2
- AWG
28 - 14
- AWG 28 - 14
Buchsenkontakt/Receptable contact
Stiftkontakt/Top contact
Werkzeug
Tool
91565-1
91559-1
91558-1
91560-1
(Applicator)
1276659-1
937472-1
1385001-2
1276662-1
91565-1
91559-1
91558-1
91560-1
(Applicator)
1276659-1
937472-1
1385001-2
1276662-1
2,5
2,9
3,4
25,8
12,1
9,3
18,3


Similar Part No. - 0-1102855-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-1102600-2 TEC-0-1102600-2 Datasheet
233Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-1 TEC-0-1102602-1 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102602-3 TEC-0-1102602-3 Datasheet
194Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-1 TEC-0-1102700-1 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-1102700-4 TEC-0-1102700-4 Datasheet
254Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-1102855-7

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com