Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54311-1 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 54311-1
Description  Standard Terminals and Splices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

54311-1 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 54311-1 Datasheet HTML 4Page - Tyco Electronics 54311-1 Datasheet HTML 5Page - Tyco Electronics 54311-1 Datasheet HTML 6Page - Tyco Electronics 54311-1 Datasheet HTML 7Page - Tyco Electronics 54311-1 Datasheet HTML 8Page - Tyco Electronics 54311-1 Datasheet HTML 9Page - Tyco Electronics 54311-1 Datasheet HTML 10Page - Tyco Electronics 54311-1 Datasheet HTML 11Page - Tyco Electronics 54311-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
14
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
6
.281
.250
.654
.797
Red
.140
31885
M3.5
7.14
6.35
16.61
20.24
3.56
.312
.281
.685
.844
Red
.125
31888
22-16
8
7.92
7.14
17.40
21.44
3.18
509-3,260
.033
M4
.312
.281
.685
.844
Red
.125
2-31888-12
[0.26-1.65]
0.84
7.92
7.14
17.40
21.44
3.18
.281
.250
.654
.797
Red
.125
31884
10
7.14
6.35
16.61
20.24
3.18
.312
.281
.685
.844
Red
.140
31891
7.92
7.14
17.40
21.44
3.56
.312
.250
.654
.813
Blue
.170
2-322238-1
16-14
7.92
6.35
16.61
20.65
4.32
2,050-5,180
.033
10
.312
.281
.685
.844
Blue
.150
51861-4
[1.04-2.62]
0.84
7.92
7.14
17.40
21.44
3.81
.343
.281
.685
.859
Blue
.170
31903
8.71
7.14
17.40
21.82
4.32
.343
.281
.961
1.135
Yellow/Blk.
.300
35363*
10
8.71
7.14
24.41
28.83
7.62
16-14HD1
1/4
.531
.437
1.117
1.385
Yellow/Blk.
.300
35362*
2,050-5,180
.050
M6
13.49
11.10
28.37
35.18
7.62
[1.04-2.62]
1.27
5/16
.531
.437
1.117
1.385
Yellow/Blk.
.300
35538
M8
13.49
11.10
28.37
35.18
7.62
1/2
1.250
1.000
1.680
2.308
Yellow/Blk.
.300
36485
M12
31.75
25.40
42.67
58.62
7.62
6
.375
.302
.982
1.172
Yellow
.300
35604
M3.5
9.53
7.67
24.94
29.77
7.62
8
.375
.302
.982
1.172
Yellow
.300
35605*
2-35605-2
M4
9.53
7.67
24.94
29.77
7.62
10
.375
.302
.982
1.172
Yellow
.300
35364*
2-35364-1
9.53
7.67
24.94
29.77
7.62
12-10
5mm3
.375
.302
.967
1.160
Yellow
.300
55157-2
5,180-13,100
.042
9.53
7.67
24.56
29.46
7.62
[2.62-6.64]
1.07
.500
.344
1.024
1.277
Yellow
.300
323763
2-323763-2
1/4
12.70
8.74
26.01
32.44
7.62
M6
.531
.468
1.148
1.416
Yellow
.300
35345*
2-35345-1
13.49
11.89
29.16
35.97
7.62
5/16
.531
.468
1.148
1.416
Yellow
.300
35346*
2-35346-1
M8
13.49
11.89
29.16
35.97
7.62
3/8
.593
.531
1.211
1.510
Yellow
.300
35478
1-35478-0
15.06
13.49
30.76
38.35
7.62
*Available in small packaging quantities.
1
Heavy duty for extra mechanical strength.
2
Terminal body plating— Gold per MIL-G-45204 Type II over Nickel per QQ-N-290.
3
#10 stud may be substituted.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Ring Tongue Terminals
(Vinyl)
Material
Insulation — Vinyl, UL 94V-0
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
except where noted.
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72


Similar Part No. - 54311-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5431107 PHOENIX-5431107 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF-13 GY
5431110 PHOENIX-5431110 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF-14 GY
5431123 PHOENIX-5431123 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF-15 GY
5431136 PHOENIX-5431136 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF-16 GY
5431149 PHOENIX-5431149 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF-17 GY
More results

Similar Description - 54311-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
   AMP Terminals and Splices Application Tooling, Servece Kits
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
   Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com