Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1105300-2 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # 4-1105300-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-1105300-2 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button 4-1105300-2 Datasheet HTML 79Page - List of Unclassifed Manufacturers 4-1105300-2 Datasheet HTML 80Page - List of Unclassifed Manufacturers 4-1105300-2 Datasheet HTML 81Page - List of Unclassifed Manufacturers 4-1105300-2 Datasheet HTML 82Page - List of Unclassifed Manufacturers 4-1105300-2 Datasheet HTML 83Page - List of Unclassifed Manufacturers 4-1105300-2 Datasheet HTML 84Page - List of Unclassifed Manufacturers 4-1105300-2 Datasheet HTML 85Page - List of Unclassifed Manufacturers 4-1105300-2 Datasheet HTML 86Page - List of Unclassifed Manufacturers 4-1105300-2 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
81
Bezeichnung
Description
1-1103636-1
7-1103636-1
2-1103636-3
1-1103637-1
7-1103637-1
2-1103637-3
HE.10.Sti.S
HE.10.Bu.S
HE.10.Sti.SC
HE.10.Bu.SC
HE.10.Sti.C
HE.10.Bu.C
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HE.10 Kontakteinsätze/Contact inserts
Baugröße/Size 4
Schraubanschluss, Federzug-Anschluss,
Crimpanschluss für gedrehte HE/HA Crimpkontakte
Screw terminal, Spring Clamp terminal,
Crimp terminal for screw machined HE/HA crimp contacts
Kontaktzahlen
No. of contacts
400 V/16 A
Crimpanschluss/Crimp terminal
10 +
Passende Crimpkontakte siehe Seite 37, Passende Crimpwerkzeuge siehe Seite 37
Suitable Crimp contacts see page 37, Suitable Crimping tools see page 37
Montageausschnitt
Panel cut-out
5
10
67 8 9
12
4
3
2-1103636-3
M3
M3x10
65
57
50
63
57
33
27
10
9
8
7
6
1
3
25
4
7-1103637-1
M3
M3x10
65
57
50
63
57
33
27
5
10
6 78 9
12
4
3
2-1103636-3
M3
M3x10
65
57
50
63
57
33
27
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Federzug-Anschluss/Spring Clamp terminal
Schraubanschluss/Screw terminal
Maßbild mm
Dimensions mm
Sti
Bu
M3x10
*19,5
A
B
C
D
E
27
*Abstand für sichere Kontaktgabe max. 21 mm
Sti
Bu
M3x10
A
B
C
D
E
16
*22,3
*Abstand für sichere Kontaktgabe max. 24 mm
Kontaktanordnung Anschlußseite Stift
Contact arrangement Male insert
Kontaktanordnung Anschlußseite Buchse
Contact arrangement Female insert
Maße/Dimensions
AB
C
DE
mm
57
63
33
34
35


Similar Part No. - 4-1105300-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1105300-1 TEC-4-1105300-1 Datasheet
112Kb / 1P
   ECR-08-023312
More results

Similar Description - 4-1105300-2

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
   T E L E C O M R E C T I F I E R S Y S T E M S
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com