Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1469920-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1469920-1
Description  2-Piece Power Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1469920-1 Datasheet(HTML) 1 Page - Tyco Electronics

  1469920-1 Datasheet HTML 1Page - Tyco Electronics 1469920-1 Datasheet HTML 2Page - Tyco Electronics 1469920-1 Datasheet HTML 3Page - Tyco Electronics 1469920-1 Datasheet HTML 4Page - Tyco Electronics 1469920-1 Datasheet HTML 5Page - Tyco Electronics 1469920-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
te.com/powerconnectors
2-Piece Power Connectors
TE Connectivity
Quick Reference Guide
2-Piece Power Connectors
THINGS TO CONSIDER WHEN CHOOSING POWER CONNECTORS
Application. Does the application require a board-to-board, wire-to-board, wire-to-wire, bus bar, card edge
or a combination of these types of connectors?
Current and Voltage. Does the connector require power only, or a combination of power and signal?
How much current is required in the application? Keep in mind that power connector performance is
typically measured in amperes (or amps). The voltage is also very important as it defines the spacing
between the contacts.
Hot-Pluggability. Will the application be mated while under electrical load? If so, a hot-pluggable connector
is required. Many of the products in this guide have been approved for use in hot-plug applications.
TYPICAL POWER CONNECTOR APPLICATIONS
AC to DC and DC to DC
Power Supplies
High End Computers
Servers
Data Storage Equipment
Telecommunications Switches
High Density Power Distribution
Uninterruptible Power Supplies (UPS)
Removable Battery Packs
Board Stacking
Power Distribution
te.com
/powerconnectors


Similar Part No. - 1469920-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1469920-1 MACOM-1469920-1 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
1469920-1 MACOM-1469920-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1469920-1 MACOM-1469920-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1469920-1 MACOM-1469920-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
More results

Similar Description - 1469920-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
logo
DDK Ltd.
FRC3-A016-10S DDK-FRC3-A016-10S Datasheet
346Kb / 4P
   High Current Version for 2-Piece Connectors
logo
Hirose Electric
DF64 HIROSE-DF64 Datasheet
871Kb / 6P
   4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
AVX Corporation
709159001401006 AVX-709159001401006 Datasheet
683Kb / 7P
   Single 2 Piece Contacts: BTB
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
   2 PIECE RACK CONVERSION KIT
logo
UMPCO, Inc.
NAS1677 UMPCO-NAS1677 Datasheet
108Kb / 2P
   STRAP, RETAINING- CUSHIONED, RECTANGULAR, 2 PIECE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com