Electronic Components Datasheet Search
Selected language     English  ▼


1-1105301-1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. 1-1105301-1
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
Download  236 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 9 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
7
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
MDL.
HD.18
250V
10A
Fiber optic
18
3
Crimp
(stamped)
Melting
(fiber)
DIN VDE
0627
EN 61984
MDL.
HN.D.15
400V
10A
15
3
Crimp
DIN VDE
0627
EN 61984
MDL.
HN.D.18
400V
10A
18
3
Crimp
DIN VDE
0627
EN 61984
Dynamic
D-2800
250V
5A
30
3
Crimp
DIN VDE
0627
EN 61984
Dynamic
D-3800
600V
8A
12
3
Crimp
MDL.
TX.4
150V
16A
Twisted
pair
4
3
Crimp
DIN VDE
0627
EN 61984
MDL.
E.TWIN
150V
16A
4
3
Crimp
DIN VDE
0627
EN 61984
MDL.
KX
RG 58
RG 59
6
3
Crimp
VT
coax
75 Ohm
Inner/Outer
diam.
0,8/6,1
1,44/10
2,8/10,7
1
3
solder
MDL.2.
AIR.Sti
10 bar
2
3
push
MDL.
RJ45
Cat5e
1
Plug/Jack
IDC
Patch cable
MDL.2
Blindmodul
MDL.E.C
Erdmodul
Crimp
196
196
196
197
197
198
198
198
199
200
199
200
200




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl