Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2032439-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 2032439-1
Description  UMCC ??Ultraminiature Coax Connector & Cable Assembly Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2032439-1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 2032439-1 Datasheet HTML 2Page - Tyco Electronics 2032439-1 Datasheet HTML 3Page - Tyco Electronics 2032439-1 Datasheet HTML 4Page - Tyco Electronics 2032439-1 Datasheet HTML 5Page - Tyco Electronics 2032439-1 Datasheet HTML 6Page - Tyco Electronics 2032439-1 Datasheet HTML 7Page - Tyco Electronics 2032439-1 Datasheet HTML 8Page - Tyco Electronics 2032439-1 Datasheet HTML 9Page - Tyco Electronics 2032439-1 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PCB Receptacles ––Style A
UMCC – Ultraminiature Coax Connector & Cable Assembly Series
Page 7
Printed
Circuit Board
H (MAX)
Receptacle
NO CONDUCTIVE TRACES IN THIS AREA
UMCC PCB Receptacle - Style A
Dimensions are millimeters [inches] unless otherwise specified
Part Number
Description
Style
Mates with UMCC
Mated Height
Packaging
Cable Conn Type
(H)
1566230-1
UMCC PCB Receptacle
A
II/III
2.0mm/2.5mm
Tape (2500 pieces/reel)
1566230-2
UMCC PCB Receptacle
A
II/III
2.0mm/2.5mm
Bulk (500 pieces/bag)


Similar Part No. - 2032439-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2032 ETC2-2032 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Christian Bürkert GmbH ...
2032 BURKERT-2032 Datasheet
1Mb / 16P
   T-diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
13.09.2023
logo
Tyco Electronics
2032-6330-00 MACOM-2032-6330-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
2032-6331-00 MACOM-2032-6331-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
2032-6332-00 MACOM-2032-6332-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
More results

Similar Description - 2032439-1

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
AMC RF-AMC Datasheet
87Kb / 2P
   Ultraminiature Product Series
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
TE Connectivity Ltd
C-2016677 TEC-C-2016677 Datasheet
151Kb / 1P
   RF CA,UMCC GEN2-GEN4,0.81,BK
logo
List of Unclassifed Man...
URM67 ETC2-URM67 Datasheet
144Kb / 1P
   Coax Cable
RG401 ETC2-RG401 Datasheet
26Kb / 1P
   Coax Cable
logo
TE Connectivity Ltd
C-2016695 TEC-C-2016695 Datasheet
153Kb / 1P
   RF CA, RP-SMA BULKHEAD TO UMCC IV WITH 1.13 CABLE
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
   RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
logo
Samtec, Inc
CCH-J-01 SAMTEC-CCH-J-01 Datasheet
248Kb / 4P
   SINGLE COMPLIANT COAX ASSEMBLY
logo
FCI connector
63721 FCI-CONNECTOR-63721 Datasheet
99Kb / 1P
   RIGHT ANGLE COAX ASSEMBLY
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com