Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1775230-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1775230-1
Description  UMCC ??Ultraminiature Coax Connector & Cable Assembly Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1775230-1 Datasheet(HTML) 1 Page - Tyco Electronics

  1775230-1 Datasheet HTML 1Page - Tyco Electronics 1775230-1 Datasheet HTML 2Page - Tyco Electronics 1775230-1 Datasheet HTML 3Page - Tyco Electronics 1775230-1 Datasheet HTML 4Page - Tyco Electronics 1775230-1 Datasheet HTML 5Page - Tyco Electronics 1775230-1 Datasheet HTML 6Page - Tyco Electronics 1775230-1 Datasheet HTML 7Page - Tyco Electronics 1775230-1 Datasheet HTML 8Page - Tyco Electronics 1775230-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DESCRIPTION
Tyco Electronics introduces the
Ultraminiature Coax Connector and
Cable Assembly series products. The
UMCC series is an ultra low profile
coax interconnect solution that meets
the ever growing demand for miniatur-
ization in next generation wireless
applications. UMCC cable assemblies
and connectors are available as dou-
ble-ended jumpers and inter-series
assemblies, and PCB jack receptacles
for board mount applications.
Tyco Electronics specializes in solving
tough problems with cable assemblies
designed and manufactured to meet
the most demanding requirements.
Tyco Electronics can engineer
custom UMCC solutions to meet
special requirements. By making
Tyco Electronics your partner in cable
assembly design, you reduce risk and
gain assurance that you will receive
your assembly on time, to specification
and within budget.
UMCC – Ultraminiature
Coax Connector &
Cable Assembly Series
RoHS
Ready
APPLICATIONS
Wireless LAN, Mini PCI
Mobile Antenna/GPS/Radio Systems
PDA / PCS / Cellular Handset
applications
Wireless Communications systems
(LAN, GSM, PCS, WCDMA, UMTS)
Remote measuring equipment
KEY FEATURES
Ultra low profile (2.0mm or 2.5mm
maximum mated height)
Easy snap on/off mating
Small footprint on PCB (3mm x 3mm)
Excellent performance to 6 GHz
Surface mount and reflow solderable
360 degree mated rotation
Available on 0.81mm, 1.13mm, and
1.37mm dia single shield, and
1.32mm dia double shield cable
Style A receptacles compatible with
Hirose U.FL/U.FL(v) Series
connectors*
Style B receptacles compatible with
Murata GSC Series connectors
For More Information
Technical Support
Internet:
http://tycoelectronics.com/products/rfcoax
Email:
product.info@tycoelectronics.com
US Product Manager Cable Assemblies
— David Stonfer
Phone: 717-986-5950
Email: david.stonfer@tycoelectronics.com
US Product Manager Connectors —
Claude de Lorraine
Phone: 717-986-5793
Email: cdelorraine@tycoelectronics.com
Europe Product Manager — Rob Smeets
Phone: +31-736246327
Email: r.smeets@tycoelectronics.com
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
South America: 55-112103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: +44 (0) 800-267-666


Similar Part No. - 1775230-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1775240 PHOENIX-1775240 Datasheet
58Kb / 3P
   Foot element - HC-KA-FE
09/12/2020
logo
Weidmuller
1775242001 WEIDMULLER-1775242001 Datasheet
83Kb / 4P
   SL-SMT5.08/3/90LF 1.5SN
1775252001 WEIDMULLER-1775252001 Datasheet
83Kb / 4P
   SL-SMT5.08/4/90LF 1.5SN
logo
PHOENIX CONTACT
1775253 PHOENIX-1775253 Datasheet
138Kb / 3P
   Adapter plate - HC-D 15-ADP/1 DSUB 15
logo
Festo Corporation.
1775258 FESTO-1775258 Datasheet
100Kb / 2P
   ISO cylinder
More results

Similar Description - 1775230-1

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
AMC RF-AMC Datasheet
87Kb / 2P
   Ultraminiature Product Series
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
TE Connectivity Ltd
C-2016677 TEC-C-2016677 Datasheet
151Kb / 1P
   RF CA,UMCC GEN2-GEN4,0.81,BK
logo
List of Unclassifed Man...
URM67 ETC2-URM67 Datasheet
144Kb / 1P
   Coax Cable
RG401 ETC2-RG401 Datasheet
26Kb / 1P
   Coax Cable
logo
TE Connectivity Ltd
C-2016695 TEC-C-2016695 Datasheet
153Kb / 1P
   RF CA, RP-SMA BULKHEAD TO UMCC IV WITH 1.13 CABLE
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
   RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
logo
Samtec, Inc
CCH-J-01 SAMTEC-CCH-J-01 Datasheet
248Kb / 4P
   SINGLE COMPLIANT COAX ASSEMBLY
logo
FCI connector
63721 FCI-CONNECTOR-63721 Datasheet
99Kb / 1P
   RIGHT ANGLE COAX ASSEMBLY
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com