Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1775228-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1775228-1
Description  UMCC ??Ultraminiature Coax Connector & Cable Assembly Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1775228-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1775228-1 Datasheet HTML 2Page - Tyco Electronics 1775228-1 Datasheet HTML 3Page - Tyco Electronics 1775228-1 Datasheet HTML 4Page - Tyco Electronics 1775228-1 Datasheet HTML 5Page - Tyco Electronics 1775228-1 Datasheet HTML 6Page - Tyco Electronics 1775228-1 Datasheet HTML 7Page - Tyco Electronics 1775228-1 Datasheet HTML 8Page - Tyco Electronics 1775228-1 Datasheet HTML 9Page - Tyco Electronics 1775228-1 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Application Notes
UMCC – Ultraminiature Coax Connector & Cable Assembly Series
Page 10
© Copyright 2007 by Tyco Electronics Corporation. All Rights Reserved.
TE LOGO and TYCO ELECTRONICS are trademarks.
MURATA is a trademark of Murata Manufacturing Company, Ltd. Murata Manufacturing Company, Ltd. is not affiliated with the UMCC product.
HIROSE is a trademark of Hirose Electric U.S.A. Hirose Electric U.S.A. is not affiliated with the UMCC product.
Other products, logos, and Company names mentioned herein maybe trademarks of their respective owners.
1-1773441-5_11/07_CCCE_PDF
Extraction Tool
PULLING TOOL
STEP 1
RECEPTACLE
STEP 2
2N MAX.
2N MAX.
PRINT CIRCUIT BOARD
RF COAX. CABLE
4N MAX.
Mating/Unmaking — Cable Plugs
1) To mate the connectors, insert the cable plug into the
SMT receptacle, making sure the cable plug is as vertical as
possible and the mating axis of both connectors are aligned.
Do not insert on an extreme angle.
2) To unmate the connectors, insert the end portion of the
extraction tool under the SMT receptacle connector flanges
and pull off vertically in the direction of the mating axis.
Permissible Load
Do not apply excessive load to the cable after the connectors
are mated. Please refer to the permissible loads indicated in
the figure to the right.
Part Number: 1775231-1
Dimensions are millimeters [inches] unless otherwise specified
Disclaimer
While Tyco Electronics Corporation and its affiliates referenced herein (“Tyco Electronics”) have made every reasonable effort to ensure
the accuracy of the information in this catalog, Tyco Electronics does not guarantee that it is error free, nor does Tyco Electronics make
any other representation, warranty or guarantee that the information is accurate, correct reliable or current.
Tyco Electronics reserves the right to make any adjustments to the information contained herein at any time without notice.
Tyco Electronics expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to,
any implied warranties of merchantability or fitness for a particular purpose. Tyco Electronics' only obligations are those in the
Tyco Electronics Standard Terms and Conditions of Sale, and in no case will Tyco Electronics be responsible for any incidental,
indirect, or consequential damages arising from the sale, resale, or misuse of its products. Users should independently evaluate the
suitability of, and test each product for, their application


Similar Part No. - 1775228-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1775240 PHOENIX-1775240 Datasheet
58Kb / 3P
   Foot element - HC-KA-FE
09/12/2020
logo
Weidmuller
1775242001 WEIDMULLER-1775242001 Datasheet
83Kb / 4P
   SL-SMT5.08/3/90LF 1.5SN
1775252001 WEIDMULLER-1775252001 Datasheet
83Kb / 4P
   SL-SMT5.08/4/90LF 1.5SN
logo
PHOENIX CONTACT
1775253 PHOENIX-1775253 Datasheet
138Kb / 3P
   Adapter plate - HC-D 15-ADP/1 DSUB 15
logo
Festo Corporation.
1775258 FESTO-1775258 Datasheet
100Kb / 2P
   ISO cylinder
More results

Similar Description - 1775228-1

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
AMC RF-AMC Datasheet
87Kb / 2P
   Ultraminiature Product Series
logo
Rosenberger Hochfrequen...
LH1-032-XXX-Y ROSENBERGER-LH1-032-XXX-Y Datasheet
75Kb / 2P
   CABLE ASSEMBLY MICRO RF / FAKRA-MICRO COAX
logo
TE Connectivity Ltd
C-2016677 TEC-C-2016677 Datasheet
151Kb / 1P
   RF CA,UMCC GEN2-GEN4,0.81,BK
logo
List of Unclassifed Man...
URM67 ETC2-URM67 Datasheet
144Kb / 1P
   Coax Cable
RG401 ETC2-RG401 Datasheet
26Kb / 1P
   Coax Cable
logo
TE Connectivity Ltd
C-2016695 TEC-C-2016695 Datasheet
153Kb / 1P
   RF CA, RP-SMA BULKHEAD TO UMCC IV WITH 1.13 CABLE
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
   RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
logo
Samtec, Inc
CCH-J-01 SAMTEC-CCH-J-01 Datasheet
248Kb / 4P
   SINGLE COMPLIANT COAX ASSEMBLY
logo
FCI connector
63721 FCI-CONNECTOR-63721 Datasheet
99Kb / 1P
   RIGHT ANGLE COAX ASSEMBLY
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com