Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2110828-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2110828-1
Description  1.5 mm AMP Mini CT Connector Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2110828-1 Datasheet(HTML) 5 Page - Tyco Electronics

  2110828-1 Datasheet HTML 1Page - Tyco Electronics 2110828-1 Datasheet HTML 2Page - Tyco Electronics 2110828-1 Datasheet HTML 3Page - Tyco Electronics 2110828-1 Datasheet HTML 4Page - Tyco Electronics 2110828-1 Datasheet HTML 5Page - Tyco Electronics 2110828-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
te.com/products/minict
1.5 mm AMP Mini CT Connector Series
TE Connectivity
Product/Application Specification
RATINGS
Product Specs
Voltage
Operating Current (Amps)
Temperature
24 AWG
26 AWG
28 AWG
30 AWG
A
108-60018
50 V (AC/DC)
2
1
-30 to 105°C
B
108-60025
50 V (AC/DC)
3
2.5
1.5
-30 to 105°C
C
108-5525
50 V AC
2
2
-65 to 105°C
D
108-2376
50 V (AC/DC)
3
2.5
1.5
-30 to 105°C
Application Specs
X
114-5223
Y
114-5246
Z
114-13245
AMP Mini CT Mount Styles
292215
Panel Mount Header
292206
T/H R/A Header
2106091
SMT Inverted Thru-Board
292262
Dual Row T/H R/A Header
292207
T/H Vertical Header
353293
IDC Receptacle Housing
292208
Dual Row T/H Vertical Header
353908
Crimp Receptacle Housing
292227
SMT R/A Header
292230
SMT Vertical Header
Design Kits
PN
Description
2110828-1
AMP Mini CT T/H Deluze Vertical and Right Angle Kit
2110828-2
AMP MIni CT T/H Vertical Header Kit
2110828-3
AMP Mini CT T/H Right Angle Header Kit
2110828-4
AMP Mini CT SMT Deluxe Vertical and Right Angle Kit
2110828-5
AMP Mini CT SMTVertical Header
2110828-6
AMP Mini CT SMT Right Angle Kit
2110828-7
AMP Mini CT Deluxe T/H and SMT Vertical and Right Angle Kit
2110828-8
AMP Mini CT Deluxe T/H Vertical and Right Angle Kit
2110829-8
AMP Mini CT Deluxe SMT Vertical and Right Angle Kit
*Design kits are designed and assembled by Waldom and are available for purchase through your local distribution channel.
AMP Mini CT Design Kits*


Similar Part No. - 2110828-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2110820-1 TEC-2110820-1 Datasheet
2Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2110820-2 TEC-2110820-2 Datasheet
2Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2110820-3 TEC-2110820-3 Datasheet
2Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2110820-4 TEC-2110820-4 Datasheet
2Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2110820-5 TEC-2110820-5 Datasheet
2Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 2110828-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
   RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
   AMP MiNi CT Connector 1.5mm PITCH
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
logo
TE Connectivity Ltd
1-353293-6 TEC-1-353293-6 Datasheet
350Kb / 6P
   Connector Assembly, Receptacle, Wire-to-Board, 16 Position, .06 in [1.5 mm] Centerline, Insulation Displacement (IDC), 1 Row, Natural, AMP Mini CT
06/20/2023
logo
Tyco Electronics
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
   AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
38221 MACOM-38221 Datasheet
186Kb / 9P
   AMP SUPERSEAL 1.5 SERIES
logo
TE Connectivity Ltd
353908-9 TEC-353908-9 Datasheet
219Kb / 5P
   Housing, Receptacle, Wire-to-Wire / Wire-to-Board / Wire-to-Panel, 9 Position, 1.5 mm [.059 in] Centerline, Crimp, 1 Row, White, AMP Mini CT
09/30/2022
logo
Panasonic Semiconductor
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
   5.0 mm X 1.5 mm Series
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
   5.0 mm X 1.5 mm Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com