Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

323989 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 323989
Description  Standard Terminals and Splices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323989 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 323989 Datasheet HTML 5Page - Tyco Electronics 323989 Datasheet HTML 6Page - Tyco Electronics 323989 Datasheet HTML 7Page - Tyco Electronics 323989 Datasheet HTML 8Page - Tyco Electronics 323989 Datasheet HTML 9Page - Tyco Electronics 323989 Datasheet HTML 10Page - Tyco Electronics 323989 Datasheet HTML 11Page - Tyco Electronics 323989 Datasheet HTML 12Page - Tyco Electronics 323989 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
15
Ring Tongue Terminals
(Insulation Restricting)
Material
Insulation — Nylon, UL 94V-2
Terminal Body — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Metallic Sleeve — Copper per
ASTM B-152
Plating — Nickel per QQ-N-290 or
Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72
Wire Size
Tongue
Dimensions
Terminal
Wire
Part Numbers
Circular Mils
Material
Stud
W
C
E
L
Insulation
Insulation
Loose
Tape
[mm2]
Thickness
Size
Min.
Max.
Max.
Color
Diameter
Piece
Mounted
Max.
Solid/Stripe
Range
2
.203
.211
.632
.739
Yellow/Black
.026-.055
53078
M2
5.16
5.36
16.05
18.77
0.66-1.40
4
.203
.211
.632
.736
Yellow/Black
.026-.055
53049
26
5.16
5.36
16.05
18.69
0.66-1.40
304
.029
6
.250
.243
.664
.792
Yellow/Black
.026-.055
53050
[0.15]
0.74
M3.5
6.35
6.17
16.87
20.12
0.66-1.40
8
.281
.250
.671
.814
Yellow/Black
.026-.055
53051
M4
7.14
6.35
17.04
20.68
0.66-1.40
10
.312
.281
.702
.863
Yellow/Black
.026-.055
53052
7.92
7.14
17.83
21.92
0.66-1.40
4
.203
.211
.587
.691
Yellow/Blue
.031-.055
2-323914-2
5.16
5.36
14.91
17.55
0.79-1.40
6
.250
.281
.657
.785
Yellow/Blue
.031-.055
2-326875-4
.020
M3.5
6.35
7.14
16.69
19.94
0.79-1.40
0.51
8
.250
.281
.657
.785
Yellow/Blue
.031-.055
2-323916-3
M4
6.35
7.14
16.69
19.94
0.79-1.40
10
.250
.281
.657
.785
Yellow/Blue
.031-.055
2-326875-5
24
6.35
7.14
16.69
19.94
0.79-1.40
475
2
.203
.211
.632
.739
Yellow/Blue
.031-.055
53053
[0.24]
M2
5.16
5.36
16.05
18.77
0.79-1.40
4
.203
.211
.632
.736
Yellow/Blue
.031-.055
53054
5.16
5.36
16.05
18.69
0.79-1.40
.029
6
.250
.243
.664
.792
Yellow/Blue
.031-.055
53055
53055-1
0.74
M3.5
6.35
6.17
16.87
20.12
0.79-1.40
8
.281
.250
.671
.814
Yellow/Blue
.031-.055
53056
M4
7.14
6.35
17.04
20.68
0.79-1.40
10
.312
.281
.702
.860
Yellow/Blue
.031-.055
53057
53057-1
7.92
7.14
17.83
21.84
0.79-1.40
2
.182
.172
.638
.731
Red/Green
.038-.110
52307
M2
4.62
4.37
16.21
18.57
0.97-2.79
4
.218
.156
.622
.734
Red/Green
.038-.110
52273*
5.54
3.96
15.80
18.64
0.97-2.79
.218
.156
.622
.734
Red/Green
.038-.110
2-36149-3*
6
5.54
3.96
15.80
18.64
0.97-2.79
M3.5
.250
.250
.716
.844
Red/Green
.038-.110
51863-2*
51863-5
6.35
6.35
18.19
21.44
0.97-2.79
8
.312
.281
.747
.906
Red/Green
.038-.110
1-320551-2*
1-320551-5
22
.033
M4
7.92
7.14
18.97
23.01
0.97-2.79
754
0.84
10
.312
.281
.747
.906
Red/Green
.038-.110
2-36153-3*
2-36153-6
[0.38]
7.92
7.14
18.97
23.01
0.97-2.79
1/4
.469
.437
.903
1.140
Red/Green
.038-.110
2-320571-3
M6
11.91
11.10
22.94
28.96
0.97-2.79
5/16
.469
.437
.903
1.140
Red/Green
.038-.110
2-320572-2
M8
11.91
11.10
22.94
28.96
0.97-2.79
3/8
.531
.546
1.012
1.280
Red/Green
.038-.110
2-320573-1
13.49
13.87
25.70
32.51
0.97-2.79
1/2
.713
.530
.996
1.355
Red/Green
.038-.110
2-328975-1
M12
18.11
13.46
25.30
34.42
0.97-2.79
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Must be crimped with 22-18 or 22-16 PIDG (red) Tooling.


Similar Part No. - 323989

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3239 ASM-SENSOR-3239 Datasheet
3Mb / 8P
   DIGITAL HiTESTER
logo
Pomona Electronics
3239 POMONA-3239 Datasheet
29Kb / 1P
   Size B, Isolated BNC Female Each End With Cover
logo
List of Unclassifed Man...
3239 ETC2-3239 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3239 HEYCO-3239 Datasheet
212Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Peregrine Semiconductor...
3239-00 PEREGRINE-3239-00 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 323989

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
   AMP Terminals and Splices Application Tooling, Servece Kits
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
   Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com