Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1K-381381-2.5-9 Datasheet(PDF) 9 Page - Tyco Electronics

Part # T1K-381381-2.5-9
Description  Products for Mobile Equipment
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T1K-381381-2.5-9 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button T1K-381381-2.5-9 Datasheet HTML 5Page - Tyco Electronics T1K-381381-2.5-9 Datasheet HTML 6Page - Tyco Electronics T1K-381381-2.5-9 Datasheet HTML 7Page - Tyco Electronics T1K-381381-2.5-9 Datasheet HTML 8Page - Tyco Electronics T1K-381381-2.5-9 Datasheet HTML 9Page - Tyco Electronics T1K-381381-2.5-9 Datasheet HTML 10Page - Tyco Electronics T1K-381381-2.5-9 Datasheet HTML 11Page - Tyco Electronics T1K-381381-2.5-9 Datasheet HTML 12Page - Tyco Electronics T1K-381381-2.5-9 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
Generic SIM Connector, 6 Positions
Products for Mobile Equipment
Connectors
Catalog 1654270-2
Revised 8-2007
All specifications subject to change. Consult Tyco Electronics for latest specifications.
7
Generic SIM Connector,
6 Positions
Features
SIM (Security Identity Module)
and UIM (Universal Identity
Modules) cards have been and
continue to be used in mobile
equipment. Tyco Electronics
offers a wide selection of low
cost SMT SIM connectors with
heights from 1.9 mm to 4.0 mm
depending on your height
requirements. Several variations
have been tooled with and
without ribs or positive stop
(contact retention feature).
This product works with SIM
cards of Generation 1, 2 and 3.
All variations are packaged in
tape & reel for pick and place
manufacturing.
Material and Finish
Insulator:
LCP, glass-filled, black color
Contact Pin:
Phosphor bronze
Contact Plating:
Selectively gold over nickel plated
Documentation
Drawing:
C-338063
Product Specification:
108-19122
Test Report:
501-19011
Application Specification:
114-19054
Height
(mm)
Package
Quantity
(Pieces
per Reel)
1.9
1-338063-9
1-1377227-9
1-1483288-9
1-1483437-9
1400
2.0
2-338063-0
2-1377227-0
2-1483288-0
2-1483437-0
1400
2.1
2-338063-1
2-1377227-1
2-1483288-1
2-1483437-1
1400
2.2
2-338063-2
2-1377227-2
2-1483288-2
2-1483437-2
1400
2.3
2-338063-3
2-1377227-3
2-1483288-3
2-1483437-3
1400
2.4
2-338063-4
2-1377227-4
2-1483288-4
2-1483437-4
1400
2.5
2-338063-5
2-1377227-5
2-1483288-5
2-1483437-5
1400
2.6
2-338063-6
2-1377227-6
2-1483288-6
2-1483437-6
1400
2.7
2-338063-7
2-1377227-7
2-1483288-7
2-1483437-7
1400
2.8
2-338063-8
2-1377227-8
2-1483288-8
2-1483437-8
1140
2.9
2-338063-9
2-1377227-9
2-1483288-9
2-1483437-9
1140
3.0
3-338063-0
3-1377227-0
3-1483288-0
3-1483437-0
1140
3.1
3-338063-1
3-1377227-1
3-1483288-1
3-1483437-1
1140
3.2
3-338063-2
3-1377227-2
3-1483288-2
3-1483437-2
1140
3.3
3-338063-3
3-1377227-3
3-1483288-3
3-1483437-3
1140
3.4
3-338063-4
3-1377227-4
3-1483288-4
3-1483437-4
1140
3.5
3-338063-5
3-1377227-5
3-1483288-5
3-1483437-5
1140
3.6
3-338063-6
3-1377227-6
3-1483288-6
3-1483437-6
1140
3.7
3-338063-7
3-1377227-7
3-1483288-7
3-1483437-7
1140
3.8
3-338063-8
3-1377227-8
3-1483288-8
3-1483437-8
1140
3.9
3-338063-9
3-1377227-9
3-1483288-9
3-1483437-9
1140
4.0
4-338063-0
4-1377227-0
4-1483288-0
4-1483437-0
1140
Bold Part Numbers are tooled
Part Numbers
without Contact Retention
with Contact Retention
with Ribs
without Ribs
with Ribs
without Ribs
PCB Layout
Ribs
Dim. B
Height
2.54
2.54
11.7
7.0
1.0
1.5
1.7
7.5
8.5
2.54
2.54


Similar Part No. - T1K-381381-2.5-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T1K-044033-10-9 MACOM-T1K-044033-10-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
T1K-064064-25-9 MACOM-T1K-064064-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
T1K-080080-10-9 MACOM-T1K-080080-10-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
T1K-095080-25-9 MACOM-T1K-095080-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
T1K-095095-10-9 MACOM-T1K-095095-10-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - T1K-381381-2.5-9

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB KSS-ST3215SB Datasheet
105Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
logo
Mitsumi Electronics, Co...
DCA-PXXX MITSUMI-DCA-PXXX Datasheet
47Kb / 2P
   Internal TV Antenna for Mobile Equipment
logo
SAMWHA ELECTRIC
CPI2016NHL1R0ME SAMWHA-CPI2016NHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL1R0ME SAMWHA-CPI2520NLL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3216SHL1R0ME SAMWHA-CPI3216SHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3225NLL1R0ME SAMWHA-CPI3225NLL1R0ME Datasheet
109Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI1608NHQ1R0MT SAMWHA-CPI1608NHQ1R0MT Datasheet
106Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NHL1R0ME SAMWHA-CPI2520NHL1R0ME Datasheet
110Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2012NHL1R0ME SAMWHA-CPI2012NHL1R0ME Datasheet
112Kb / 1P
   DC-DC converter circuits for mobile equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com