Selected language     English  ▼


9-1612503-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 9-1612503-1
Description  Power Connectors & Interconnection Systems
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 5 page
background image
231
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
5.0 mm Pitch Battery Plug Assemblies
Note: All part numbers are RoHS
compliant.
Power Connectors & Interconnection Systems
Voltage
Mount Type
Mount Angle
Part Number
Retentive Solder
Right-Angle
5787424-1
12.0
Straight Solder
Right-Angle
5787422-1
Straight Solder
Vertical
5787430-1
10.8
Retentive Solder
Vertical
5787421-1
Straight Solder
Vertical
5787419-1
Retentive Solder
Right-Angle
5787141-1
7.2
Straight Solder
Vertical
5787334-1
Straight Solder
Right-Angle
5787142-1
5.0 mm Pitch Right-Hand
Key Plug Assemblies
Material and Finish
Housing — Polyphthalamide,
UL 94V-0 rated, black
Contacts — Brass, plated .000100
[0.00254] min. tin on solder tail over
.000075 [0.00190] min. nickel overall
.197
[5.00]
Typ.
Solder Tail
Typ.
.049
[1.25]
.394 ± .002
[10.00 ± 0.05]
1.319 ± .008
[33.50 ± 0.20]
.120 ± .012
[3.05 ± 0.30]
.392 ± .008
[9.95 ± 0.20]
Voltage
Mount Type
Mount Angle
Part Number
Special Features
12.0
Straight Solder
Right-Angle
5787428-1
Mounting Holes
10.8
Retentive Solder
Right-Angle
5787418-1
Straight Solder
Right-Angle
5787246-1
5.0 mm Pitch Left-Hand
Key Plug Assemblies
.197
[5.00]
Typ.
Typ.
.585
[14.85]
1.417 ± .008
[36.00 ± 0.20]
Ø .087 ± .003
[2.20 ± 0.08]
2 Plcs.
.120 ± .012
[3.05 ± 0.30]
Solder Tail
Typ.
Voltage
Mount Type
Mount Angle
Part Number
Special Features
Straight Solder
Right-Angle
5787441-1
Retentive Solder
Right-Angle
5787443-1
N/A
Straight Solder
Right-Angle
5796078-1
Sequenced Contacts
Retentive Solder
Vertical
5787446-1
Straight Solder
Vertical
5787444-1
5.0 mm Pitch Keyless
Plug Assemblies
Material and Finish
Housing — Polyphthalamide,
UL 94V-0 rated, black
Contacts — Brass, plated .000100
[0.00254] min. tin on solder tail over
.000075 [0.00190] min. nickel overall
.197
[5.00]
Typ.
1.064 ± .008
[27.02 ± 0.20]
.120 ± .012
[3.05 ± 0.30]
Solder Tail
Typ.
Part Number 5787421-1
Vertical Assembly with Retentive Tails
.197
[5.00]
Typ.
Typ.
Solder Tail
Typ.
.585
[14.85]
1.142 ± .008
[29.00 ± 0.20]
.120 ± .012
[3.05 ± 0.30]
Part Number 5787142-1
Right-Angle Assembly with Straight Tails
Part Number 5796078-1
Right-Angle Assembly with
Straight Tails & Sequenced Contacts
Part Number 5787428-1
Right-Angle Assembly with Mounting Holes
Material and Finish
Housing — Polyphthalamide,
UL 94V-0 rated, black
Contacts — Brass, plated .000100
[0.00254] min. tin on solder tail over
.000075 [0.00190] min. nickel overall




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl