Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6318792-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6318792-1
Description  Power Connectors & Interconnection Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6318792-1 Datasheet(HTML) 1 Page - Tyco Electronics

  6318792-1 Datasheet HTML 1Page - Tyco Electronics 6318792-1 Datasheet HTML 2Page - Tyco Electronics 6318792-1 Datasheet HTML 3Page - Tyco Electronics 6318792-1 Datasheet HTML 4Page - Tyco Electronics 6318792-1 Datasheet HTML 5Page - Tyco Electronics 6318792-1 Datasheet HTML 6Page - Tyco Electronics 6318792-1 Datasheet HTML 7Page - Tyco Electronics 6318792-1 Datasheet HTML 8Page - Tyco Electronics 6318792-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
227
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
Battery Interconnects
Since the introduction of
the standard-size NiMH
rechargeable battery to
the computer and commu-
nications industries,
Tyco Electronics has played
a major role in the develop-
ment and manufacture of
reliable, high performance
battery interconnect
systems.
As the needs and applica-
tions of original equipment
manufacturers have evolved,
so have Tyco Electronics’
battery interconnect
systems. Today, we offer
several types of connectors
including:
Standard 5-position,
5.0 mm centerline
assemblies
Space efficient battery
packs available at
2.0 mm, 2.5 mm, and
3.0 mm centerlines
Multi-Directional
Interconnection (MDI)
systems
Coin cell battery holders
All battery interconnect
assembly housings are
made of high temperature,
UL 94V-0 rated thermoplas-
tic. Single contacts are
rated at 7 Amps with a
30° T-Rise, and have an
operating temperature
rating of -30° to +70°C.
These assemblies can be
customized for various
applications and are avail-
able with many keying and
mounting options.
Tyco Electronics answers
the need in the portable
equipment market for a
high density, robust, and
versatile interconnection
system with the Multi-
Directional Interconnection
(MDI) System. This durable
system, designed to permit
mating/unmating at any
angle between 0° and 90°,
features AMP-DURAGOLD
plated contacts for up to
2500 cycles.
Our coin-cell battery hold-
ers are ideal for a variety of
electronic equipment need-
ing a compact low wattage
(typically less than 2 Watts)
battery source. These
holders are available in
both horizontal and vertical
mount. Surface-mount and
re-flow compatible options
are also ready to meet the
newer PCB assembly
requirements.
Product Facts
Total interface solution
Current capacity — 7 Amps/
single contact at 30°C
T-Rise
Choice of right-angle or
vertical mount headers with
left, right or keyless
polarization
5.0 mm pitch headers
available for 7.2, 10.8, and
12.0 volt rechargeable
batteries
Receptacle connectors
available with solder tails or
weld tabs
Consumer friendly
mating/unmating of battery
Produced under a Quality
Management System
certified to ISO 9001
Blade Contacts for high
durability
Used Industry-wide for
rechargeable battery I/O —
in laptop computers
Offered in a variety of key
arrangements — for
different voltage batteries
2.0 mm, 2.5 mm, 3.0 mm
and 5.0 mm contact pitch
batteries available
MDI systems designed to
mate at any angle
Up to 7 Amps per contact
Up to 2500 cycle durability
Two pc tails per blade — for
better current distribution


Similar Part No. - 6318792-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6318 ALPHAWIRE-6318 Datasheet
76Kb / 2P
   Component 1 4 X 1 PAIR
logo
List of Unclassifed Man...
6318-45 ETC2-6318-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6318-47 ETC2-6318-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6318-49 ETC2-6318-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6318-50 ETC2-6318-50 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6318792-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2042274-2 MACOM-2042274-2 Datasheet
8Mb / 111P
   Power Connectors & Interconnection Systems
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
   Micro-Strip Interconnection Systems
Revised 11-95
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com