Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-103169-3 Datasheet(PDF) 38 Page - Tyco Electronics

Part # 5-103169-3
Description  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-103169-3 Datasheet(HTML) 38 Page - Tyco Electronics

Back Button 5-103169-3 Datasheet HTML 34Page - Tyco Electronics 5-103169-3 Datasheet HTML 35Page - Tyco Electronics 5-103169-3 Datasheet HTML 36Page - Tyco Electronics 5-103169-3 Datasheet HTML 37Page - Tyco Electronics 5-103169-3 Datasheet HTML 38Page - Tyco Electronics 5-103169-3 Datasheet HTML 39Page - Tyco Electronics 5-103169-3 Datasheet HTML 40Page - Tyco Electronics 5-103169-3 Datasheet HTML 41Page - Tyco Electronics 5-103169-3 Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
122
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Standard Profile Headers—Shrouded, with .066 [1.68] End Dimension,
Double-Row, .100 x .100 [2.54 x 2.54] Centerline
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Phosphor bronze, plated as
follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area,
.000100-.000200 [0.00254-0.00508]
tin on solder area, with entire post
underplated .000050 [0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area,
.000100-.000200 [0.00254-0.00508]
tin on solder area, with entire post
underplated .000050 [0.00127] nickel
Plating C — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel on entire post
Related Product Data
Mateable Connectors
AMPMODU Board Mount
Receptacles — pages 176, 179, 180
AMPMODU Wire-Applied
Receptacles — pages 216-219
AMPMODU MTE Receptacles —
pages 228, 229, 234
AMPMODU MT Receptacles —
pages 256, 257
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
C
.100*
[2.54]
.035±.003
[0.89±0.08]
Dia. Typ.
A
.157
[3.99]
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.025 [0.64] Square
Right-Angle Post
(with Detent Windows)
B
.400
[10.16]
.100
[2.54]
Typ.
.066
[1.68]
(2 Plc.)
.135
[3.43]
.200
[5.08]
Ref.
(Contact Area)
.318
[8.08]
.090
[2.29]
(2 Plc.)
.100
[2.54]
.040
[1.02]
(3 Plc.)
.100*
[2.54]
Typ.
.489
[12.42]
C
.080
[2.03]
E
.240
[6.10]
Typ.
D
.639
[16.23]
.013
[0.33]
(Standoffs)
.100
[2.54]
.280
[7.11]
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
C
D
E
Plating A
Plating B
Plating C
6
.412 [10.46]
.332 [8.43]
.200 [5.08]
.106 [2.69]
5-103166-1
5-102617-1
8-87579-5
8
.512 [13.00]
.432 [10.97]
.300 [7.62]
.106 [2.69]
5-103166-2
5-102617-2
5-87579-1
10
.612 [15.54]
.532 [13.51]
.400 [10.16] .206 [5.23]
5-103166-3
5-102617-3
5-87579-2
12
.712 [18.08]
.632 [16.05]
.500 [12.70] .206 [5.23]
5-103166-4
5-102617-4
5-87579-3
14
.812 [20.62]
.732 [18.59]
.600 [15.24] .306 [7.77]
5-103166-5
5-102617-5
5-87579-4
16
.912 [23.16]
.832 [21.13]
.700 [17.78] .306 [7.77]
5-103166-6
5-102617-6
5-87579-5
18
1.012 [25.70]
.932 [23.67]
.800 [20.32] .406 [10.31]
5-103166-7
5-102617-7
5-87579-6
20
1.112 [28.24] 1.032 [26.21]
.900 [22.86] .106 [2.69]
.806 [20.47]
5-103166-8
5-102617-8
5-87579-7
22
1.212 [30.78] 1.132 [28.75] 1.000 [25.40] .106 [2.69]
.906 [23.01]
5-103166-9
5-102617-9
5-87579-8
24
1.312 [33.32] 1.232 [31.29] 1.100 [27.94] .106 [2.69] 1.006 [25.55]
6-103166-0
6-102617-0
5-87579-9
26
1.412 [35.86] 1.332 [33.83] 1.200 [30.48] .106 [2.69] 1.106 [28.09]
6-103166-1
6-102617-1
6-87579-0
28
1.512 [38.40] 1.432 [36.37] 1.300 [33.02] .106 [2.69] 1.206 [30.63]
6-103166-2
6-102617-2
6-87579-1
30
1.612 [40.94] 1.532 [38.91] 1.400 [35.56] .106 [2.69] 1.306 [33.17]
6-103166-3
6-102617-3
6-87579-2


Similar Part No. - 5-103169-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-103166-1 MACOM-5-103166-1 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
5-103166-2 MACOM-5-103166-2 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
5-103166-3 MACOM-5-103166-3 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
5-103166-4 MACOM-5-103166-4 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
5-103166-5 MACOM-5-103166-5 Datasheet
233Kb / 1P
   HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS
More results

Similar Description - 5-103169-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com