Electronic Components Datasheet Search |
|
5-103169-3 Datasheet(PDF) 55 Page - Tyco Electronics |
|
5-103169-3 Datasheet(HTML) 55 Page - Tyco Electronics |
55 / 96 page 139 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 AMPMODU Interconnection System 5 Universal Ejection Style Pin Headers, Military, Center and Dual Polarized, .100 x .100 [2.54 x 2.54] Centers Note: All part numbers are RoHS compliant. Straight-Thru, 4-Sided .025 [0.64] Sq. Posts Material and Finish Housing & Latches — Black thermoplastic, 94V-0 rated Contacts — Brass or phosphor bronze (at Tyco Electronics’ option); Duplex .000030 [0.00076] gold on mating end, .000100 [0.00254] min. tin on termina- tion end, with entire contact underplated .000050 [0.00127] nickel Related Product Data Electrical Characteristics — page 134 Mateable Connectors — AMPMODU Wire-Applied Receptacles — page 220 Mounting Information 4-24 self-tapping screws and 2-56 bolts and nuts are available for mounting straight-thru pin headers of pc boards. Typical applica- tions and part nos. for ordering this hardware are presented below. Note: 2-56 bolts and nuts may be used to mount pin headers with and without latches. If latches are to be used, the bolts must be positioned in the pin header before the latches are installed. Pin Header with Latches Pin Header without Latches No. of Dimensions Part Number Positions AB C D E (Without Latches) .700 1.100 1.260 .860 .110 [2.79] 5102154-1 10 17.78 27.94 32.00 21.84 .155 [3.94] 5102156-1 .900 1.300 1.460 1.060 .110 [2.79] 5102154-2 14 22.86 33.02 37.08 26.92 .155 [3.94] 5102156-2 1.000 1.400 1.560 1.180 .110 [2.79] 5102154-3 16 25.40 35.56 39.62 29.46 .155 [3.94] 5102156-3 1.200 1.600 1.760 1.360 .110 [2.79] 5102154-4 20 30.48 40.64 44.70 34.54 .155 [3.94] 5102156-4 1.400 1.800 1.960 1.560 .110 [2.79] 5102154-5 24 35.56 45.72 49.78 39.62 .155 [3.94] 5102156-5 1.500 1.900 2.060 1.660 .110 [2.79] 5102154-6 26 38.10 48.26 52.32 42.16 .155 [3.94] 5102156-6 1.900 2.300 2.460 2.060 .110 [2.79] 5102154-8 34 48.26 58.42 62.48 52.32 .155 [3.94] 5102156-8 2.200 2.600 2.760 2.360 .110 [2.79] 5102154-9 40 55.88 66.04 70.10 59.94 .155 [3.94] 5102156-9 2.700 3.100 3.260 2.860 .110 [2.79] 1-5102154-0 50 68.58 78.74 82.80 72.64 .155 [3.94] 1-5102156-0 Notes: 1. Pin headers in 10- and 14-position sizes have only one slot for snap-in polarizer (military polarization), located as shown. Notes: 2. Pin headers in 10-position size have only slot for dual polarization, located as shown. .100 [2.54] .150 [3.81] .253 [6.43] .336 [8.53] .315 [8.00] B C A .100 [2.54] .025 [0.64] D .096 [2.44] Dia. 2 Plc. .106 [2.74] .025 [0.64] .549 [13.94] .165 [4.19] .190 [4.83] .240 [6.10] .107 [2.72] .289 [7.34] E Solder Tail Typ. .050 [1.27] .150 [3.81] .025 [0.64] .195 [4.95] • Position No.1 Indicator Pin Header Mounting using 4-24 Self-Tapping Screws: Part No. 19156-1 (for .062 [1.57] Thick PC Board) Part No. 19156-2 (for .093 [2.36] Thick PC Board) Part No. 19156-3 (for .125 [3.18] Thick PC Board) Pin Header Mounting with 2-56 Bolts and Nuts: Part No. 746383-1 (Bolt Only) Kit No. 102198-1 (Bolt and Nut, 2 Each per Kit) 4-24 Self-Tapping Screw (2 Req‘d.) 2-56 Bolt & Nut (2 Each Req‘d.) Latch (See Note at left.) .256 [6.50] Note: Used with Header (optional) Latch (sold separately) Part Number 1825851-1 |
Similar Part No. - 5-103169-3 |
|
Similar Description - 5-103169-3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |