Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1717620-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1717620-1
Description  Power Connectors & Interconnection Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1717620-1 Datasheet(HTML) 7 Page - Tyco Electronics

  1717620-1 Datasheet HTML 1Page - Tyco Electronics 1717620-1 Datasheet HTML 2Page - Tyco Electronics 1717620-1 Datasheet HTML 3Page - Tyco Electronics 1717620-1 Datasheet HTML 4Page - Tyco Electronics 1717620-1 Datasheet HTML 5Page - Tyco Electronics 1717620-1 Datasheet HTML 6Page - Tyco Electronics 1717620-1 Datasheet HTML 7Page - Tyco Electronics 1717620-1 Datasheet HTML 8Page - Tyco Electronics 1717620-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
233
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Coin Cell Battery Holders
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
Mount Type
Part Number
Special Features
Surface-Mount
796136-1
Through Hole
1734178-1
Flexible housing for easy removal
120591-1
Horizontal Mount
Battery Holders
Material and Finish
Housing — Black thermoplastic resin,
UL 94V-0 rated
.210
[5.33]
.750 ± .002
[19.05 ± 0.05]
1.075 ± .003
[27.30 ± 0.08]
.250
[6.35]
Mount Type
Part Number
Special Features
Through Hole
6339488-1
1775485-1
Low Profile
Vertical Mount
Battery Holders
Material and Finish
Housing — Black thermoplastic resin,
UL 94V-0 rated
Part Number 120591-1
Through Hole Mount
.210
[5.33]
.750 ± .002
[19.05 ± 0.05]
1.075 ± .004
[27.31 ± 0.10]
1.272 ± .020
[32.31 ± 0.51]
.250
[6.35]
Part Number 796136-1
Surface-Mount
.903
[22.94]
1.040
[26.42]
.136
[3.45]
Part Number 6339488-1
.728 ± .015
[18.49 ± 0.38]
.394 ± .008
[10.00 ± 0.20]
Part Number 1775485-1
Low Profile


Similar Part No. - 1717620-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1717601038 MOLEX11-1717601038 Datasheet
64Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 3.00mm Pitch, Unguided
1717601038 MOLEX1-1717601038_17 Datasheet
62Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 3.00mm Pitch, Unguided
1717603222 MOLEX11-1717603222 Datasheet
60Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 3.00mm Pitch, Left Guided
1717603222 MOLEX1-1717603222_17 Datasheet
59Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 3.00mm Pitch, Left Guided
1717605238 MOLEX11-1717605238 Datasheet
51Kb / 2P
   Impel 92 Ohm, 6 Pair Right-Angle Daughtercard, 3.00mm Pitch, Right Guided
More results

Similar Description - 1717620-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2042274-2 MACOM-2042274-2 Datasheet
8Mb / 111P
   Power Connectors & Interconnection Systems
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
   Micro-Strip Interconnection Systems
Revised 11-95
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com