Electronic Components Datasheet Search |
|
1571299-4 Datasheet(PDF) 10 Page - Tyco Electronics |
|
1571299-4 Datasheet(HTML) 10 Page - Tyco Electronics |
10 / 30 page Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com 9 Switches Toggle Switches Gemini Series AE I Miniature toggle switch sealed I Meets requirements of IP67 1 or 2 Break before Make right angle and vertical right angle 2 or 3 THT, Wire lug, Quick connect, Wire wrap, Support brackets different lenghts, round, flat; rocker style 2A@250 Vac 30,000 ops. -30…+85°C 12.7 x 6.6…11.4 x 10.3 mm Bulk Gemini Series A I Miniature toggle switch 1 or 2 Break before Make right angle and vertical right angle 2 or 3 THT, Wire lug, Quick connect, Wire wrap, Support brackets; Various bushings versions different lenghts, round, flat, locking; rocker style 2 A @ 250 Vac 40,000 ops. -30…+85°C 12.7 x 6.9…16.8 x 10.4 mm Bulk TST Series I Sub miniature toggle switch I Sealed 1 Break before Make Yes 2 or 3 THT Various lenghts 20 mA @ 20 Vac/dc 80,000 ops. -30…+85°C 8.1 x 5.0 x 9.1 mm Bulk MT Series I Toggle switch up to 4 Break before Make right angle and vertical right angle 2 or 3 THT, Wire lug Lenghts, round, flat, Mustang, splash proof bat actuator, locking, decorative bat actuator 3 A @ 250 Vac,4 A @ 28 Vdc 80,000 ops. -20…+85°C 13 x 8…22.5 x 11.5 mm Bulk TT Series I Sub miniature toggle switch I Boot seal available up to 4 Break before Make right angle and vertical right angle 2 or 3 THT, Wire lug, Wire wrap; Various bushings versions Various lengths, round, flat, locking Gold: 20 mA @ 20 Vdc Silver (2pos): 3A@125Vac, 28Vdc Silver (3pos): 2A@125Vac, 28Vdc 60,000 ops. -30…+85°C 8.1 x 6 x 8.8...15.7 mm Bulk Toggles Number of poles Contact timing Right angle versions Standard number of positions Terminals / Mounting style Actuator style Contact rating Electrical endurance Operating temperature range Dimensions case (LxWxH) Packaging Toggles Number of poles Contact timing Right angle versions Standard number of positions Terminals / Mounting style Actuator style Contact rating Electrical endurance Operating temperature range Dimensions case (LxWxH) Packaging |
Similar Part No. - 1571299-4 |
|
Similar Description - 1571299-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |