Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6620005-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 6620005-1
Description  Modular Jacks and MRJ21 Product
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6620005-1 Datasheet(HTML) 5 Page - Tyco Electronics

  6620005-1 Datasheet HTML 1Page - Tyco Electronics 6620005-1 Datasheet HTML 2Page - Tyco Electronics 6620005-1 Datasheet HTML 3Page - Tyco Electronics 6620005-1 Datasheet HTML 4Page - Tyco Electronics 6620005-1 Datasheet HTML 5Page - Tyco Electronics 6620005-1 Datasheet HTML 6Page - Tyco Electronics 6620005-1 Datasheet HTML 7Page - Tyco Electronics 6620005-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
28
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MAG45 Modular Jacks with Integrated Magnetics (Continued)
Modular Jacks and MRJ21 Product
2.100
[53.34]
Ø .062
[1.57]
4 Plcs.
.400
[10.16]
1.500
[38.10]
.110
[2.79]
2 Plcs.
2.050
[52.07]
.950
[24.13]
Ø .128/.125
[3.25/3.17]
2 Plcs.
Ø .042
[1.06]
64 Plcs.
Front Edge PCB
.609
[15.46]
.260
[6.60]
Max.
.180
[4.57]
.159
[4.03]
.180
[4.57]
.448
[11.37]
.350
[8.89]
PCB Footprint
Stacked
(10/100 Base-T)
Stacked Connector
UL Recognized
Without LEDs
IEEE 802.3 & ANSI X3.263
Compliant
Numerous circuit options
available
Supports all appropriate and
available PHY Chips and
applications
For assistance in part
selection, please refer to the
Tyco Electronics E-Catalog
Your Tyco Electronics Sales
Representative or one of the
Product Information Centers
listed below are also
available to assist
Stacked
Port Configuration
10/100 Base-T
10/100 PoE
2x1
✓✓
2x3
✓✓
2x4
✓✓
2x6
✓✓
2x8
✓✓
Port Configuration
10/100 Base-T
2x4
6615012-1
2x6
6368525-1
2x8
6368526-1
Note: All part numbers are RoHS compliant.


Similar Part No. - 6620005-1

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
66200221122 WURTH-66200221122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
66200421122 WURTH-66200421122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
66200621122 WURTH-66200621122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
66200821122 WURTH-66200821122 Datasheet
462Kb / 3P
   WR-MPC3 - 3.00MM MALE DUAL ROW VERTICAL HEADER
More results

Similar Description - 6620005-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60583-2 MACOM-60583-2 Datasheet
434Kb / 8P
   Modular Jacks and MRJ21 Product
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GAX KYCON-GAX Datasheet
855Kb / 1P
   MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
   MODULAR JACKS AND PLUGS
GDTX KYCON-GDTX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GLX KYCON-GLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
   MODULAR JACKS AND PLUGS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com