Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

330648 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 330648
Description  Standard Terminals and Splices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

330648 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 330648 Datasheet HTML 3Page - Tyco Electronics 330648 Datasheet HTML 4Page - Tyco Electronics 330648 Datasheet HTML 5Page - Tyco Electronics 330648 Datasheet HTML 6Page - Tyco Electronics 330648 Datasheet HTML 7Page - Tyco Electronics 330648 Datasheet HTML 8Page - Tyco Electronics 330648 Datasheet HTML 9Page - Tyco Electronics 330648 Datasheet HTML 10Page - Tyco Electronics 330648 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
13
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
Ring Tongue
Terminals (Continued)
M5
.375
.302
.967
1.160
Yellow
.300
55157-2
9.53
7.67
24.56
29.46
7.62
.531
.468
1.054
1.322
Yellow
.230
320576*
2-320576-1
5/16
13.49
11.89
26.77
33.58
5.84
M8
.531
.468
1.054
1.322
Yellow
.250
35111*
2-35111-1
13.49
11.89
26.77
33.58
6.35
.593
.531
1.115
1.414
Yellow
.230
320577*
2-320577-3
15.06
13.49
28.32
35.92
5.84
3/8
.593
.531
1.115
1.414
Yellow
.250
35112*
15.06
13.49
28.32
35.92
6.35
12-10
.042
.750
.625
1.216
1.594
Yellow
.250
35150
5,180-13,100
1.07
19.05
15.88
30.89
40.49
6.35
[2.62-6.64]
.715
.474
1.065
1.414
Yellow
.230
52077
18.16
12.04
27.05
35.92
5.84
.715
.560
1.151
1.511
Yellow
.230
331467
1/2
18.16
14.22
29.24
38.38
5.84
M12
.750
.625
1.216
1.594
Yellow
.230
323784
19.05
15.88
30.89
40.49
5.84
.750
.625
1.216
1.594
Yellow
.250
35151*
19.05
15.88
30.89
40.49
6.35
5/8
1.250
1.000
1.591
2.219
Yellow
.230
324615
M16
31.75
25.40
40.41
56.36
5.84
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Vinyl insulation material


Similar Part No. - 330648

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3306 VMI-3306 Datasheet
245Kb / 2P
   200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Pomona Electronics
3306 POMONA-3306 Datasheet
25Kb / 1P
   Shielded Aluminum Box Size F Unfinished
logo
Bourns Electronic Solut...
3306 BOURNS-3306 Datasheet
140Kb / 1P
   6 mm Round Trimpot Trimming Potentiometer
logo
List of Unclassifed Man...
3306 ETC-3306 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3306 HEYCO-3306 Datasheet
84Kb / 1P
   Nylon Cable Clamps
More results

Similar Description - 330648

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
   AMP Terminals and Splices Application Tooling, Servece Kits
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
   Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com