Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-87220-3 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 2-87220-3
Description  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-87220-3 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 2-87220-3 Datasheet HTML 4Page - Tyco Electronics 2-87220-3 Datasheet HTML 5Page - Tyco Electronics 2-87220-3 Datasheet HTML 6Page - Tyco Electronics 2-87220-3 Datasheet HTML 7Page - Tyco Electronics 2-87220-3 Datasheet HTML 8Page - Tyco Electronics 2-87220-3 Datasheet HTML 9Page - Tyco Electronics 2-87220-3 Datasheet HTML 10Page - Tyco Electronics 2-87220-3 Datasheet HTML 11Page - Tyco Electronics 2-87220-3 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
92
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Standard Headers—Unshrouded
AMPMODU Interconnection System
5
Product Facts
Variety of popular sizes
available
Substantial time/labor
savings—install all posts
at one time
Vertical and right-angle
versions available in
single- and double-row
configurations
Triple-row version available
in vertical configuration
with .230 [5.84] mating
length
Copper alloy posts
Choice of select gold or
tin plated posts
Mating length for single and
double row is .318 [8.08]
(.278 [7.06] effective mat-
ing length-see page 90)
Flame retardant, black
thermoplastic housings;
94V-0 rated
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
Certified by Canadian
Standards
Association,
File No. LR 7189
Performance
Characteristics
Electrical
Insulation Resistance — 5,000
megohms minimum initial
Dielectric Withstanding Voltage —
750 V rms at sea level
Environmental
Operating Temperature —
-65°C to +105°C (black thermoplastic
housings)
Current — 3 amperes maximum
per contact (dependent upon mating
connector)
R
R


Similar Part No. - 2-87220-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-87220-3 MACOM-2-87220-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
2-87220-3 MACOM-2-87220-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
2-87220-3 MACOM-2-87220-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
2-87220-3 MACOM-2-87220-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

Similar Description - 2-87220-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com