Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6368507-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6368507-1
Description  Modular Jacks and MRJ21 Product
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6368507-1 Datasheet(HTML) 2 Page - Tyco Electronics

  6368507-1 Datasheet HTML 1Page - Tyco Electronics 6368507-1 Datasheet HTML 2Page - Tyco Electronics 6368507-1 Datasheet HTML 3Page - Tyco Electronics 6368507-1 Datasheet HTML 4Page - Tyco Electronics 6368507-1 Datasheet HTML 5Page - Tyco Electronics 6368507-1 Datasheet HTML 6Page - Tyco Electronics 6368507-1 Datasheet HTML 7Page - Tyco Electronics 6368507-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
25
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MAG45 Modular Jacks with Integrated Magnetics (Continued)
Modular Jacks and MRJ21 Product
Note: All part numbers are RoHS compliant.
Single Port
10/100 Base-T,
Gigabit & PoE, Tab Down
Product Facts
Single Port
Through Hole, Tab Down
Available with or without
LEDs
UL Recognized
IEEE 802.3 & ANSI X3.263
Compliant
Numerous circuit options
available
Supports all appropriate and
available PHY Chips and
applications
For assistance in part
selection, please refer to the
Tyco Electronics E-Catalog
Your Tyco Electronics Sales
Representative or one of the
Product Information Centers
listed below are also
available to assist
9
.160
[4.06]
.350
[8.89]
.036
[0.91]
.100
[2.54]
.450
[11.43]
Ø .062
[1.57]
2 Plcs.
Ø .035
[0.89]
8 Plcs.
Ø .040
[1.02]
4 Plcs.
Ø .126
[3.20]
2 Plcs.
.050
[1.27]
Typ.
2 Plcs.
1
D1 D2
D3 D4
35 7
.250
[6.35]
.080
[2.03]
.120
[3.05]
PCB Footprint
Single Port Tab Down*
10/100 Base-T
10/100 PoE
Gigabit
Gigabit PoE
✓✓
No
*multiple LED colors with and without resistors available.
10/100 Base-T
10/100 PoE
Gigabit
6605424-1
6605432-2
1-6605444-1
6-6605425-1
1-6605310-1
6605434-1
5-6605308-1
6-6605440-1
6605445-6
10/100 Base-T
10/100 PoE
Gigabit
6605759-1
1-6605832-1
5-6605809-1
5-6605763-6
6605818-1
6605814-5
5-6605758-9
1-6605834-1
6605852-2
Single Port
10/100 Base-T,
Gigabit & PoE, Tab Up
Single Port
Through Hole, Tab Up
Available with or without
LEDs
UL Recognized Component
IEEE 802.3 & ANSI X3.263
Compliant
Numerous circuit options
available
Supports all appropriate and
available PHY Chips and
applications
For assistance in part
selection, please refer to the
Tyco Electronics E-Catalog
Your Tyco Electronics Sales
Representative or one of the
Product Information Centers
listed below are also
available to assist
.180
[4.57]
.080
[2.03]
.350
[8.89]
.042
[1.07]
.450
[11.43]
Ø .062
[1.57]
2 Plcs.
Ø .035
[0.89]
8 Plcs.
Ø .040
[1.02]
4 Plcs.
Min.
Ø .126
[3.20]
2 Plcs.
.050
[1.27]
Typ.
D1
D2
D3
D4
.250
[6.35]
.080
[2.03]
.120
[3.05]
.272
[6.91]
PCB Footprint
Single Port Tab Up*
10/100 Base-T
10/100 PoE
Gigabit
Gigabit PoE
✓✓
**
*multiple LED colors with and without resistors available.
**under development.


Similar Part No. - 6368507-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6368 ALPHAWIRE-6368 Datasheet
77Kb / 2P
   Component 1 10 X 1 PAIR
logo
List of Unclassifed Man...
6368-45 ETC2-6368-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6368-47 ETC2-6368-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6368-49 ETC2-6368-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6368-50 ETC2-6368-50 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6368507-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
60583-2 MACOM-60583-2 Datasheet
434Kb / 8P
   Modular Jacks and MRJ21 Product
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GAX KYCON-GAX Datasheet
855Kb / 1P
   MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
   MODULAR JACKS AND PLUGS
GDTX KYCON-GDTX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GLX KYCON-GLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
   MODULAR JACKS AND PLUGS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com