Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

146845-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 146845-1
Description  Power Connectors & Interconnection Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

146845-1 Datasheet(HTML) 5 Page - Tyco Electronics

  146845-1 Datasheet HTML 1Page - Tyco Electronics 146845-1 Datasheet HTML 2Page - Tyco Electronics 146845-1 Datasheet HTML 3Page - Tyco Electronics 146845-1 Datasheet HTML 4Page - Tyco Electronics 146845-1 Datasheet HTML 5Page - Tyco Electronics 146845-1 Datasheet HTML 6Page - Tyco Electronics 146845-1 Datasheet HTML 7Page - Tyco Electronics 146845-1 Datasheet HTML 8Page - Tyco Electronics 146845-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
231
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
5.0 mm Pitch Battery Plug Assemblies
Note: All part numbers are RoHS
compliant.
Power Connectors & Interconnection Systems
Voltage
Mount Type
Mount Angle
Part Number
Retentive Solder
Right-Angle
5787424-1
12.0
Straight Solder
Right-Angle
5787422-1
Straight Solder
Vertical
5787430-1
10.8
Retentive Solder
Vertical
5787421-1
Straight Solder
Vertical
5787419-1
Retentive Solder
Right-Angle
5787141-1
7.2
Straight Solder
Vertical
5787334-1
Straight Solder
Right-Angle
5787142-1
5.0 mm Pitch Right-Hand
Key Plug Assemblies
Material and Finish
Housing — Polyphthalamide,
UL 94V-0 rated, black
Contacts — Brass, plated .000100
[0.00254] min. tin on solder tail over
.000075 [0.00190] min. nickel overall
.197
[5.00]
Typ.
Solder Tail
Typ.
.049
[1.25]
.394 ± .002
[10.00 ± 0.05]
1.319 ± .008
[33.50 ± 0.20]
.120 ± .012
[3.05 ± 0.30]
.392 ± .008
[9.95 ± 0.20]
Voltage
Mount Type
Mount Angle
Part Number
Special Features
12.0
Straight Solder
Right-Angle
5787428-1
Mounting Holes
10.8
Retentive Solder
Right-Angle
5787418-1
Straight Solder
Right-Angle
5787246-1
5.0 mm Pitch Left-Hand
Key Plug Assemblies
.197
[5.00]
Typ.
Typ.
.585
[14.85]
1.417 ± .008
[36.00 ± 0.20]
Ø .087 ± .003
[2.20 ± 0.08]
2 Plcs.
.120 ± .012
[3.05 ± 0.30]
Solder Tail
Typ.
Voltage
Mount Type
Mount Angle
Part Number
Special Features
Straight Solder
Right-Angle
5787441-1
Retentive Solder
Right-Angle
5787443-1
N/A
Straight Solder
Right-Angle
5796078-1
Sequenced Contacts
Retentive Solder
Vertical
5787446-1
Straight Solder
Vertical
5787444-1
5.0 mm Pitch Keyless
Plug Assemblies
Material and Finish
Housing — Polyphthalamide,
UL 94V-0 rated, black
Contacts — Brass, plated .000100
[0.00254] min. tin on solder tail over
.000075 [0.00190] min. nickel overall
.197
[5.00]
Typ.
1.064 ± .008
[27.02 ± 0.20]
.120 ± .012
[3.05 ± 0.30]
Solder Tail
Typ.
Part Number 5787421-1
Vertical Assembly with Retentive Tails
.197
[5.00]
Typ.
Typ.
Solder Tail
Typ.
.585
[14.85]
1.142 ± .008
[29.00 ± 0.20]
.120 ± .012
[3.05 ± 0.30]
Part Number 5787142-1
Right-Angle Assembly with Straight Tails
Part Number 5796078-1
Right-Angle Assembly with
Straight Tails & Sequenced Contacts
Part Number 5787428-1
Right-Angle Assembly with Mounting Holes
Material and Finish
Housing — Polyphthalamide,
UL 94V-0 rated, black
Contacts — Brass, plated .000100
[0.00254] min. tin on solder tail over
.000075 [0.00190] min. nickel overall


Similar Part No. - 146845-1

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1468420 CANDD-1468420 Datasheet
91Kb / 2P
   Bobbin Type Inductors
logo
Murata Manufacturing Co...
1468420C MURATA-1468420C Datasheet
497Kb / 2P
   Bobbin Type Inductors
1468420C MURATA-1468420C Datasheet
110Kb / 2P
   Bobbin Type Inductors
logo
Murata Power Solutions ...
1468420C MURATA-PS-1468420C Datasheet
340Kb / 2P
   Bobbin Type Inductors
logo
C&D Technologies
1468422 CANDD-1468422 Datasheet
91Kb / 2P
   Bobbin Type Inductors
More results

Similar Description - 146845-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2042274-2 MACOM-2042274-2 Datasheet
8Mb / 111P
   Power Connectors & Interconnection Systems
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
   Micro-Strip Interconnection Systems
Revised 11-95
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com