Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-320882-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 2-320882-1
Description  Standard Terminals and Splices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-320882-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 2-320882-1 Datasheet HTML 6Page - Tyco Electronics 2-320882-1 Datasheet HTML 7Page - Tyco Electronics 2-320882-1 Datasheet HTML 8Page - Tyco Electronics 2-320882-1 Datasheet HTML 9Page - Tyco Electronics 2-320882-1 Datasheet HTML 10Page - Tyco Electronics 2-320882-1 Datasheet HTML 11Page - Tyco Electronics 2-320882-1 Datasheet HTML 12Page - Tyco Electronics 2-320882-1 Datasheet HTML 13Page - Tyco Electronics 2-320882-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
16
Ring Tongue Terminals
(Insulation Restricting)
(Continued)
Wire Size
Tongue
Dimensions
Terminal
Wire
Part Numbers
Circular Mils
Material
Stud
W
C
E
L
Insulation
Insulation
Loose
Tape
[mm2]
Thickness
Size
Min.
Max.
Max.
Color
Diameter
Piece
Mounted
Max.
Solid/Stripe
Range
2
.182
.172
.638
.731
Red/Red
.046-.110
52307-1
M2
4.62
4.37
16.21
18.57
1.17-2.79
4
.218
.156
.622
.734
Red/Red
.046-.110
52273-1*
5.54
3.96
15.80
18.64
1.17-2.79
.218
.156
.622
.734
Red/Red
.046-.110
2-36149-4*
6
5.54
3.96
15.80
18.64
1.17-2.79
M3.5
.250
.250
.716
.844
Red/Red
.046-.110
51863-3
51863-6
6.35
6.35
18.19
21.44
1.17-2.79
8
.312
.281
.747
.906
Red/Red
.046-.110
1-320551-3*
1-320551-7
20
.033
M4
7.92
7.14
18.97
23.01
1.17-2.79
1,186
0.84
10
.312
.281
.747
.906
Red/Red
.046-.110
2-36153-4*
[0.60]
7.92
7.14
18.97
23.01
1.17-2.79
1/4
.469
.437
.903
1.140
Red/Red
.046-.110
2-320571-4
M6
11.91
11.10
22.94
28.96
1.17-2.79
5/16
.469
.437
.903
1.140
Red/Red
.046-.110
2-320572-3
M8
11.91
11.10
22.94
28.96
1.17-2.79
3/8
.531
.546
1.012
1.280
Red/Red
.046-.110
2-320573-2
13.49
13.87
25.70
32.51
1.17-2.79
1/2
.713
.530
.996
1.355
Red/Red
.046-.110
2-328975-2
M12
18.11
13.46
25.30
34.42
1.17-2.79
4
.218
.156
.622
.734
Red/White
.056-.110
52273-2*
5.54
3.96
15.80
18.64
1.42-2.79
.218
.156
.622
.734
Red/White
.056-.110
2-36149-5*
6
5.54
3.96
15.80
18.64
1.42-2.79
M3.5
.250
.250
.716
.844
Red/White
.056-.110
51863-4*
51863-7
6.35
6.35
18.19
21.44
1.42-2.79
8
.312
.281
.747
.906
Red/White
.056-.110
1-320551-4*
1-320551-8
M4
7.92
7.14
18.97
23.01
1.42-2.79
18
.033
10
.312
.281
.747
.906
Red/White
.056-.110
2-36153-5*
2-36153-9
1,900
0.84
7.92
7.14
18.97
23.01
1.42-2.79
[0.96]
1/4
.469
.437
.903
1.140
Red/White
.056-.110
2-320571-5
M6
11.91
11.10
22.94
28.96
1.42-2.79
5/16
.469
.437
.903
1.140
Red/White
.056-.110
2-320572-4
2-320574-7
M8
11.91
11.10
22.94
28.96
1.42-2.79
3/8
.531
.546
1.012
1.280
Red/White
.056-.110
2-320573-3
13.49
13.87
25.70
32.51
1.42-2.79
1/2
.713
.530
.996
1.355
Red/White
.056-.110
2-328975-3
M12
18.11
13.46
25.30
34.42
1.42-2.79
4
.250
.171
.637
.765
Blue/Blue
.063-.130
52274
6.35
4.34
16.18
19.43
1.60-3.30
.250
.171
.637
.765
Blue/Blue
.063-.130
2-320561-3*
2-320561-5
6
6.35
4.34
16.18
19.43
1.60-3.30
M3.5
.312
.281
.747
.906
Blue/Blue
.063-.130
51864-6*
1-51864-2
7.92
7.14
18.97
23.01
1.60-3.30
8
.312
.281
.747
.906
Blue/Blue
.063-.130
1-51864-0*
1-51864-6
M4
7.92
7.14
18.97
23.01
1.60-3.30
16
.033
10
.312
.281
.747
.906
Blue/Blue
.063-.130
51864-7*
2,800
0.84
7.92
7.14
18.97
23.01
1.60-3.30
[1.42]
1/4
.469
.437
.903
1.140
Blue/Blue
.063-.130
2-320563-3
M6
11.91
11.10
22.94
28.96
1.60-3.30
5/16
.469
.437
.903
1.140
Blue/Blue
.063-.130
2-320575-2
M8
11.91
11.10
22.94
28.96
1.60-3.30
3/8
.531
.546
1.012
1.280
Blue/Blue
.063-.130
2-320564-1
13.49
13.87
25.70
32.51
1.60-3.30
1/2
.713
.530
.996
1.355
Blue/Blue
.063-.130
2-328976-1
M12
18.11
13.46
25.30
34.42
1.60-3.30
*Available in small packaging quantities.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material
Insulation — Nylon, UL 94V-2
Terminal Body — Copper per ASTM
B-152
Plating — Tin per ASTM B-545
Metallic Sleeve — Copper per
ASTM B-152
Plating — Nickel per QQ-N-290 or
Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72


Similar Part No. - 2-320882-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-320093-1 MACOM-2-320093-1 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
2-320559-4 ETC2-2-320559-4 Datasheet
85Kb / 1P
   SPLICE BUTT PIDG WIRE SIZE 22-16
logo
Tyco Electronics
2-320561-3 MACOM-2-320561-3 Datasheet
55Kb / 1P
   Ring Tongue Terminals - insulation Restricting(Continued)
2-320561-4 MACOM-2-320561-4 Datasheet
55Kb / 1P
   Ring Tongue Terminals - insulation Restricting(Continued)
2-320563-3 MACOM-2-320563-3 Datasheet
55Kb / 1P
   Ring Tongue Terminals - insulation Restricting(Continued)
More results

Similar Description - 2-320882-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
   AMP Terminals and Splices Application Tooling, Servece Kits
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
   Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com