Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1775069-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1775069-3
Description  Power Connectors & Interconnection Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1775069-3 Datasheet(HTML) 4 Page - Tyco Electronics

  1775069-3 Datasheet HTML 1Page - Tyco Electronics 1775069-3 Datasheet HTML 2Page - Tyco Electronics 1775069-3 Datasheet HTML 3Page - Tyco Electronics 1775069-3 Datasheet HTML 4Page - Tyco Electronics 1775069-3 Datasheet HTML 5Page - Tyco Electronics 1775069-3 Datasheet HTML 6Page - Tyco Electronics 1775069-3 Datasheet HTML 7Page - Tyco Electronics 1775069-3 Datasheet HTML 8Page - Tyco Electronics 1775069-3 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
230
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
2.5 mm Pitch Battery Assemblies
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
No. of
Mount Type
Mount Angle
Part Number
Special Features
Positions
4
Through Hole
Right-Angle Offset
6123987-1
M2 Nut Plate
Through Hole
Right-Angle Offset
6123978-1
Through Hole
Right-Angle On Board
6376042-2
M2 Nut Plate
5
Through Hole
Right-Angle On Board
9-1612503-1
Through Hole
Right-Angle Offset
6318792-1
Through Hole
Vertical
6473451-1
6
Through Hole
Right-Angle Offset
6318977-3
M2 Nut Plate
7
Through Hole
Right-Angle On Board
6318573-4
Through Hole
Right-Angle On Board
1747602-1
M2 Nut Plate
8
Through Hole
Right-Angle On Board
1717445-2
Through Hole
Right-Angle On Board
6123738-7
10
Through Hole
Right-Angle On Board
1123822-7
M2 Nut Plate
Through Hole
Right-Angle On Board
1123684-7
One Side M2 Nut Plate
Through Hole
Right-Angle Offset
6473539-7
M2 Nut Plate
2.5 mm Pitch
Plug Assemblies
Material and Finish
Housing — Black thermoplastic resin,
UL 94V-0 rated
Contacts — High conductivity copper
alloy, gold plating
No. of
Mount Type
Mount Angle
Part Number
Positions
4
Through Hole
Right-Angle
6123981-1
5
Through Hole
Right-Angle
6318430-2
Surface-Mount
Right-Angle
1612504-1
6
Surface-Mount
Vertical
1123688-3
7
Surface-Mount
Vertical
1318574-4
8
Through Hole
Vertical
1717478-1
Through Hole
Right-Angle
1717620-1
10
Surface-Mount
Vertical
1123688-7
Through Hole
Vertical
1674231-1
2.5 mm Pitch
Receptacle Assemblies
Material and Finish
Housing — Black thermoplastic resin,
UL 94V-0 rated
Contacts — High conductivity copper
alloy, gold plating
.098
[2.50]
.179
[4.55]
.199
[5.05]
.148
[3.75]
.146
[3.70]
.803
[20.40]
M2 Typ.
2 Plcs.
Part Number 6376042-2
Right-Angle On Board Assembly
with Nut Plate
.098
[2.50]
.179
[4.55]
.199
[5.05]
.148
[3.75]
.394
[10.00]
.969
[24.60]
Part Number 6123978-1
Right-Angle Offset Assembly
.234
[5.95]
.191
[4.85]
.701
[17.80]
Part Number 6318430-2
Right-Angle Through Hole Mount
.098
[2.50]
.075
[1.90]
.207
[5.25]
.992
[25.20]
Part Number 1318574-4
Vertical Surface-Mount


Similar Part No. - 1775069-3

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1775002001 WEIDMULLER-1775002001 Datasheet
92Kb / 5P
   SL-SMT5.08/2/90G 1.5SN
logo
List of Unclassifed Man...
1775010B1 ETC2-1775010B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRING HARNESS
logo
Tyco Electronics
1775021 MACOM-1775021 Datasheet
1Mb / 22P
   Easy connections to equipment
1775021-11123076-5 MACOM-1775021-11123076-5 Datasheet
1Mb / 22P
   Easy connections to equipment
logo
Weidmuller
1775022001 WEIDMULLER-1775022001 Datasheet
92Kb / 5P
   SL-SMT5.08/4/90G 1.5SN
More results

Similar Description - 1775069-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2042274-2 MACOM-2042274-2 Datasheet
8Mb / 111P
   Power Connectors & Interconnection Systems
logo
List of Unclassifed Man...
536274-1 ETC-536274-1 Datasheet
276Kb / 2P
   Micro-Strip Interconnection Systems
Revised 11-95
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
Vincotech
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com