Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

640604 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 640604
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640604 Datasheet(HTML) 3 Page - Tyco Electronics

  640604 Datasheet HTML 1Page - Tyco Electronics 640604 Datasheet HTML 2Page - Tyco Electronics 640604 Datasheet HTML 3Page - Tyco Electronics 640604 Datasheet HTML 4Page - Tyco Electronics 640604 Datasheet HTML 5Page - Tyco Electronics 640604 Datasheet HTML 6Page - Tyco Electronics 640604 Datasheet HTML 7Page - Tyco Electronics 640604 Datasheet HTML 8Page - Tyco Electronics 640604 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
3
MTA-156 Card Edge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56, 57
Connectors — UL94V-0
Closed End with and without Mounting Ears . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
Feed-Thru with and without Mounting Ears . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56
Accessories . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
SL-156 Crimp Connectors and Headers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58-62
Wire-to-Board Mateability Guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58
Wire-to-Board Crimp Contacts and Keying Plugs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .59
Wire-to-Board Housings — UL94V-0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60
Housings with Through Board Latch — UL94V-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .61
Housings and Contacts for Large Insulation Diameter (LID) Wire . . . . . . . . . . . . . . . . . .62
AMP Economy Power (EP) Connector System
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63-69
.156 [3.96] Centerline Connectors
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .63
Crimp Contacts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
Plug Housings, Low-Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
Low-Profile Headers — Straight and Right-Angle Posts . . . . . . . . . . . . . . . . . . . . . . . . . .65
Low-Profile Headers, High Temp. — Straight and Right-Angle Posts . . . . . . . . . . . . . . .66
.200 [5.08] Centerline Connectors
Plug Housings and Straight and Right-Angle Post Headers . . . . . . . . . . . . . . . . . . . . . .67
.312 [7.92] Centerline Connectors
Low-Profile Headers — Straight Posts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .68
Single Connectors
1-Position Plug Housing and High-Profile Header — Straight Post . . . . . . . . . . . . . . . . .69
MTA Wire Selection and Ribbon Cable Preparation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .70
IDC Ribbon Cable
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .71-74
MTA Wire Termination Flowchart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
MTA Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76-79
Part Number Index . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80-82
Global Contacts
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83
Center-
Contact
Wire-to-
No. of
Wire
Wire
Current
Voltage
Operating
UL
Replace-
Product Name
line
Termin-
Wire
Positions
Size
Insulation
Rating
Rating
Temp.
Flammability
ment
Approvals
ation
Option
(AWG) Dia. Max.
(A)**
Max. (VAC)
Range (°C)
Contacts
.050" Centerline
MTA-50 IDC Connector
.050
IDC
Planned
2–28
30–26
.039*
1
30
–55 to +105
V-0 & V-2
No
Kits and Headers
1.27
0.99
.100" Centerline
MTA-100 Connectors
.100
IDC
Yes
2–28
28–22
.060*
5
250
–55 to +105
V-0 & V-2
Yes
and Headers
2.54
1.52
CST-100 II Contacts
.100
Crimp Planned
2–28
26–22
.065
4
250
–55 to +105
V-0
Yes
and Housings
2.54
1.65
.156" Centerline
MTA-156 Connectors
.156
IDC
Yes
2–24
26–18
.095*
7
600
–55 to +105
V-0 & V-2
Yes
and Headers
3.96
2.41
Quad Connectors
.156
IDC
No
2–12
22–18
.095*
12.5
600
–55 to +105
V-0
Yes
3.96
2.41
SL-156 Contacts
.156
1–24; 2–10
.105
and Housings
3.96
Crimp
No
w/ through 24–18
2.67
10
250
–25 to +105
V-0
Yes
board latch
SL-156 Large Ins. Dia. (LID)
.156
Crimp
No
2–24
24–16
.112
10
250
–25 to +105
V-0
Yes
Contacts and Housings
3.96
2.84
.156", .200" and .312" Centerlines
.156
Crimp
No
1–12
22–18
.118
8 (1 pos.)
250
–25 to +105
V-0
Yes
3.96
3.00
7.5 (2–12 Pos.)
AMP Economy Power
.200
Crimp
No
2–12
22–18
.118
250
–25 to +105
V-0
Yes
(EP) Connector System
5.08
3.00
7.5 (2–12 Pos.)
.312
Crimp
No
2–5
22–18
.118
250
–25 to +105
V-0
Yes
7.92
3.00
7.5 (2–5 Pos.)
** When terminated one position at a time.
** Current Rating is application dependent.
Need more information?
Call Technical Support at the
numbers listed below.
Technical Support is staffed
with specialists well versed
in Tyco Electronics products.
They can provide you with:
I
Technical support
I
Catalogs
I
Technical Documents
I
Product Samples
I
Authorized Distributor
Locations
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Connector Selection Guide
Crimp
SL-156
Crimp
AMP EP Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Table of Contents (Continued)


Similar Part No. - 640604

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
6406 TUOFENG-6406 Datasheet
3Mb / 7P
   30V N-Channel MOSFET
Feb,2018 V1.0
logo
Tyco Electronics
640620 MACOM-640620 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640620 MACOM-640620 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640621 MACOM-640621 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640621 MACOM-640621 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 640604

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-640454-0 MACOM-2-640454-0 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
3-644043-4 MACOM-3-644043-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-644466-2 MACOM-3-644466-2 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-643818-4 MACOM-3-643818-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-641215-2 MACOM-3-641215-2 Datasheet
267Kb / 3P
   MTA, CST-100 II, MT-6 and SL Connectors and Headers
640255-1 MACOM-640255-1 Datasheet
577Kb / 1P
   MTA, CST and SL Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com