Selected language     English  ▼


9-1437287-8 Datasheet(PDF) 10 Page - Tyco Electronics

Part No. 9-1437287-8
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 10 page
background image
Product Specification
108-78140
Rev. A8
10 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.15
Seal
Ability
Seal
Ability
is
measured
with
compressed
air
fed
into
the
water-proof
section
of
the
connector.
Before
runnig
the
test,
the
tip
of
the
wire
is
soldered
and
then
sealed
with
adhesives.
(Fig.4)
Measurement
is
taken
with
9800Pa(gage)(0.1kg/c㎡)compressed
air
fed
into
the
connector
submerged
for
duration
of
30
seconds.
If
the
air
does
not
leak
for
30
seconds,
the
pressure
is
raised
each
tine
by
an
increment
of
9800Pa(gage)(0.1kg/c㎡).
Adhesive
Soldering
Lead
Fig.4
Fig.4
Fig.4
Fig.4
Initial:
98kPa(gage)
(1kg/cm
2
)or
more
After
Durability
Test:
48kPa(gage)
(0.5kg/cm
2
)or
more




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl