Selected language     English  ā–¼


9-1437287-8 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 9-1437287-8
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 6 page
background image
Product Specification
108-78140
Rev. A8
6 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.5
Voltage
Drop
As
shown
in
Fig.1
while
feeding
open
voltage
of
20
Ā±
5mV
and
short
circuit
current
of
10
Ā±
0.5mA
to
the
mated
conector,
measurement
is
taken
at
the
point
75mm
apart
from
the
crimped
barrel
when
temperature
of
the
mated
contact
has
saturated
and
then
voltage
drop
by
the
wire
is
subtracted.(Resistance
of
wire
is
per
Table
1.)
Fig.1
A
75
measurement
Initial:
5mĪ©
or
less
After
Durability
Test:
10mĪ©
or
less
Table
1
Wire
size
Resistance
(mĪ©/75mm)
0.5
2.45
0.85
1.56
1.25
1.07




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl