Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2064814-2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 2064814-2
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2064814-2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 2064814-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2064814-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2064814-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2064814-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2064814-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 2064814-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers 2064814-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers 2064814-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers 2064814-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
10
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
5 Gb/s Part Numbers
5 GB/S
5 GB/S
5 GB/S
10 GB/S
Length
Cable
CX4***
CX4 to QSFP
QSFP
QSFP+
(meters)
Type
Part Numbers
Part Numbers
Part Numbers
Part Numbers
2
OFNP**
2064782-1
2064781-1
2064778-1
2064779-1
LSZH*
2064815-1
2064814-1
2064812-1
2064813-1
3
OFNP**
2064782-2
2064781-2
2064778-2
2064779-2
LSZH*
2064815-2
2064814-2
2064812-2
2064813-2
5
OFNP**
2064782-3
2064781-3
2064778-3
2064779-3
LSZH*
2064815-3
2064814-3
2064812-3
2064813-3
10
OFNP**
2064782-4
2064781-4
2064778-4
2064779-4
LSZH*
2064815-4
2064814-4
2064812-4
2064813-4
15
OFNP**
2064782-5
2064781-5
2064778-5
2064779-5
LSZH*
2064815-5
2064814-5
2064812-5
2064813-5
20
OFNP**
2064782-6
2064781-6
2064778-6
2064779-6
LSZH*
2064815-6
2064814-6
2064812-6
2064813-6
25
OFNP**
2064782-7
2064781-7
2064778-7
2064779-7
LSZH*
2064815-7
2064814-7
2064812-7
2064813-7
30
OFNP**
2064782-8
2064781-8
2064778-8
2064779-8
LSZH*
2064815-8
2064814-8
2064812-8
2064813-8
40
OFNP**
2064782-9
2064781-9
2064778-9
2064779-9
LSZH*
2064815-9
2064814-9
2064812-9
2064813-9
50
OFNP**
1-2064782-0
1-2064781-0
1-2064778-0
1-2064779-0
LSZH*
1-2064815-0
1-2064814-0
1-2064812-0
1-2064813-0
100
OFNP**
1-2064782-1
1-2064781-1
1-2064778-1
1-2064779-1
LSZH*
1-2064815-1
1-2064814-1
1-2064812-1
1-2064813-1
*LSZH = Low Smoke Zero Halogen
**OFNP = Optical Fiber Nonconductive Plenum
***Also known as CX4 and SFF-8470
Note: Longer lengths available upon request.
5 GB/S
General Specifications
Symbol
Parameter
Min.
Typical
Max.
Unit
Notes
Data Rate/Channel
2.5
—5
Gb/s
1
Tc
Operating Case Temperature
0—
70
°C
2
Vcc
Supply Voltage
3.13
3.3
3.47
V
Total Power Dissipation
1.3
1.5
W3
Fiber Core Diameter
50
µm
1. Test pattern PRBS 2E7-1
2. Per End
3. Central office environment per GR-468-CORE
5 GB/S Transmitter
Electrical Specifications
Symbol
Parameter
Min.
Typical
Max.
Unit
Notes
Input Common Mode
0—
Vcc
V1
V_diff_IN
Differential data swing
650
1600
mVpp
Rin
Differential Input Impedance
80
100
120
1. Internally AC coupled.
5 GB/S Receiver
Electrical Specifications
Symbol
Parameter
Min.
Typical
Max.
Unit
Notes
Output Common Mode
———
V
1
V_diff_OUT
Differential data swing
200
300
1200
mVpp
Rout
Differential Output Impedance
100
TJ
Total Jitter (p-p)
——
.42
UI
2
∆T ch-ch
Skew
——
200
ps
1. Internally AC Coupled.
2. Total jitter is specified at a BER of 10^-12 using PRBS 2^7-1.
Note: All part numbers are RoHS compliant.
PARALIGHT Active Optical Cable Assemblies (Continued)


Similar Part No. - 2064814-2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
List of Unclassifed Man...
2064 ETC2-2064 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Heyco.
2064 HEYCO-2064 Datasheet
133Kb / 1P
   Snap Bushings
logo
Christian Bürkert GmbH ...
2064 BURKERT-2064 Datasheet
992Kb / 16P
   T-diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
30.08.2023
logo
RAF ELECTRONIC HARDWARE
2064-440-AL RAF-2064-440-AL Datasheet
130Kb / 1P
   3/16 HEX FEMALE STANDOFFS
More results

Similar Description - 2064814-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com