Selected language     English  ▼


9-6437287-8 Datasheet(PDF) 11 Page - Tyco Electronics

Part No. 9-6437287-8
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 11 page
background image
Product Specification
108-78140
Rev. A8
11 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.16
Temperature
Rise
Magnitude
Temperature
Rise
Test
of
item
No.8.16
is
made
and
temperature
of
connector
surface
near
the
mated
interface
of
the
contact,
is
measured
when
the
temperature
has
saturated.
Temperature
rise:
60℃
or
less.
7.17
Intermittent
Discontinuity
Power
of
12V
or
less
open
voltage
and
1A
or
less
short
circuit
current
is
applied
to
the
mated
connector
with
the
contacts
in
all
positions
connected
in
series
and
then
intermittent
discontinuity
is
monitored
with
an
intermittent
discontinuity
detector.(Fig.5)
Intermittent
Discontinuity
Checker
Fig.
5
Connector
Intermittent
discontinuity
shall
not
last
for
10
μsec
or
more.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl