Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-6437287-8 Datasheet(PDF) 35 Page - Tyco Electronics

Part # 9-6437287-8
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-6437287-8 Datasheet(HTML) 35 Page - Tyco Electronics

Back Button 9-6437287-8 Datasheet HTML 31Page - Tyco Electronics 9-6437287-8 Datasheet HTML 32Page - Tyco Electronics 9-6437287-8 Datasheet HTML 33Page - Tyco Electronics 9-6437287-8 Datasheet HTML 34Page - Tyco Electronics 9-6437287-8 Datasheet HTML 35Page - Tyco Electronics 9-6437287-8 Datasheet HTML 36Page - Tyco Electronics 9-6437287-8 Datasheet HTML 37Page - Tyco Electronics 9-6437287-8 Datasheet HTML 38Page - Tyco Electronics 9-6437287-8 Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Product Specification
108-78140
Rev. A8
35 of 41
9.
試験方法
.1
こじり耐久試験
キャップハウジングコネクタを固定し、プラグハウジングコネクタを正規に
嵌合した状態で図6に示す要領で、前後方向に手指により約78.4N(8kgf)の力
を2回加える。
これを端子が抜けるまで1mmずつ引き抜いて行う。
以上を1サイ
クルとして25サイクル行う。さらに、左右方向についても前後方向と同様に
行う。
(前後左右同時に実施してもよい。
こじり荷重を加える位置
78.4N
78.4N
5mm
以内
6
固定
9.2
高温放置試験
恒温槽内にコネクタを1000時間放置し、その後取り出して常温に戻るまで放
置する。なお、恒温槽内の温度は125℃とする。
9.3
低温放置試験
恒温槽内にコネクタを150時間放置し、
その後取り出して常温に戻るまで放置
する。なお、恒温槽内の温度は-40℃とする。


Similar Part No. - 9-6437287-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-6437287-8 MACOM-9-6437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
More results

Similar Description - 9-6437287-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com