Selected language     English  ▼


9-1437287-9 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 9-1437287-9
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 4 page
background image
Product Specification
108-78140
Rev. A8
4 of 41
4.
MATERIAL
Per
the
drawings.
5.
DIMENSION
AND
CONFIGURATION
Per
the
drawings.
6.
RATING
Connector
Allowable
Current
(Allowable
maximum
temperature
in
the
vicinity
of
the
contacting
point
is
150℃)
Item
Rating
&
Condition
Current
Refer
to
the
table
below
Voltage
250V
(AC,DC)
Temperature
-40~+125℃
Wire
Conductor
0.5~1.25m㎡
Insulation
Cover
φ1.6~φ2.2
(A)
Ambient
Temperature
Measurement
Set-up
(℃)
60
80
100
125
(Wire
Size
All
positions
active
7
6
5
3
0.85m㎡
min.)
Only
single
position
active
15
13
11
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl