Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-6437287-9 Datasheet(PDF) 12 Page - Tyco Electronics

Part # 9-6437287-9
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-6437287-9 Datasheet(HTML) 12 Page - Tyco Electronics

Back Button 9-6437287-9 Datasheet HTML 8Page - Tyco Electronics 9-6437287-9 Datasheet HTML 9Page - Tyco Electronics 9-6437287-9 Datasheet HTML 10Page - Tyco Electronics 9-6437287-9 Datasheet HTML 11Page - Tyco Electronics 9-6437287-9 Datasheet HTML 12Page - Tyco Electronics 9-6437287-9 Datasheet HTML 13Page - Tyco Electronics 9-6437287-9 Datasheet HTML 14Page - Tyco Electronics 9-6437287-9 Datasheet HTML 15Page - Tyco Electronics 9-6437287-9 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Product Specification
108-78140
Rev. A8
12 of 41
8.
TEST
STRUCTURE
AND
SEQUENCE
8.1
Characteristic
Test
The
test
is
made
basically
in
line
with
the
sequence
shown
in
the
Table
3.
Table
3
Test
Sample
Sequence
Contact
Housing
Connector
1
External
Appearance
External
Appearance
External
Appearance
2
Insertion
Force
Insertion
Force
Contact
Insertion
Characteristic
3
Withdrawal
Force
Withdrawal
Force
Insertion
Force
4
Feeling
of
mating/unmating
Feeling
of
mating/unmating
Withdrawal
Force
5
Contact
Force
Housing
Retention
Force
Feeling
of
mating/unmating
6
Contact
Withdrawal
Characteristic
7
Contact
Retention
Force
8
Contact
Solderability


Similar Part No. - 9-6437287-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-6437287-9 MACOM-9-6437287-9 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
More results

Similar Description - 9-6437287-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com