Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-6437287-9 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 9-6437287-9
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-6437287-9 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 9-6437287-9 Datasheet HTML 9Page - Tyco Electronics 9-6437287-9 Datasheet HTML 10Page - Tyco Electronics 9-6437287-9 Datasheet HTML 11Page - Tyco Electronics 9-6437287-9 Datasheet HTML 12Page - Tyco Electronics 9-6437287-9 Datasheet HTML 13Page - Tyco Electronics 9-6437287-9 Datasheet HTML 14Page - Tyco Electronics 9-6437287-9 Datasheet HTML 15Page - Tyco Electronics 9-6437287-9 Datasheet HTML 16Page - Tyco Electronics 9-6437287-9 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Product Specification
108-78140
Rev. A8
13 of 41
8.2
Durability
Test
The
test
is
made
basically
according
to
the
Table
4.
Table
4
Sequence
BEFORE TEST
TESTⅠ
TESTⅡ
TESTⅢ
A
Low
level
voltage
and
current
resistance
Kojiri
durability
Low
level
voltage
and
current
resistance
External
Appearance
Vibration
Intermittent
discontinuity※
External
Appearance※
Low
level
voltage
and
current
resistance
Current
cycle
Low
level
voltage
and
current
resistance
External
Appearance
B
Low
level
voltage
and
current
resistance
Kojiri
durability
Low
level
voltage
and
current
resistance
External
Appearance
Temperature
rise
Temperature
rise※
Low
level
voltage
and
current
resistance
C
Insertion
force
Low
level
voltage
and
current
resistance
Seal
ability
Withdrawal
force
High
temperature
exposure
Low
level
voltage
and
current
resistance
Seal
ability
Withdrawal
force
Insertion
force
Low
temperature
exposure
Low
level
voltage
and
Current
resistance
Seal
ability
Withdrawal
force
Insertion
force
D
Insertion
force
Low
level
voltage
and
current
resistance
Seal
ability
Withdrawal
force
Thermal
shock
Low
level
voltage
and
current
resistance
Seal
ability
Withdrawal
force
Insertion
force
Water-Proof
Leak
current※
Low
level
voltage
and
current
resistance
Seal
ability
Withdrawal
force
Insertion
force
E
External
appearance
Over-current
External
appearance
F
Insertion
force
Low
level
voltage
and
current
resistance
Insulation
resistance
Withdrawal
force
Kojiri
durability
Low
level
voltage
and
current
resistance
External
appearance
Dust-proof
Low
level
voltage
and
current
resistance
Oil-proof,
Solvent-proof
Low
level
voltage
and
current
resistance
Insulation
resistance
Withdrawal
force
Insertion
force
External
appearance
G
Low
level
voltage
and
current
resistance
Insulation
resistance
Seal
ability
Freezing
Leak
current
Corrosion
gas
Low
level
voltage
and
current
resistance
Seal
ability
Ozone
deterioration
Low
level
voltage
and
current
resistance
Insulation
resistance
Seal
ability
External
appearance
H
Low
level
voltage
and
current
resistance
Salt
Spray
Leak
current※
Low
level
voltage
and
current
resistance
Group
Designation


Similar Part No. - 9-6437287-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-6437287-9 MACOM-9-6437287-9 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
More results

Similar Description - 9-6437287-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com