Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-794615-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 2-794615-2
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-794615-2 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 2-794615-2 Datasheet HTML 5Page - Tyco Electronics 2-794615-2 Datasheet HTML 6Page - Tyco Electronics 2-794615-2 Datasheet HTML 7Page - Tyco Electronics 2-794615-2 Datasheet HTML 8Page - Tyco Electronics 2-794615-2 Datasheet HTML 9Page - Tyco Electronics 2-794615-2 Datasheet HTML 10Page - Tyco Electronics 2-794615-2 Datasheet HTML 11Page - Tyco Electronics 2-794615-2 Datasheet HTML 12Page - Tyco Electronics 2-794615-2 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 134 page
background image
9
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
2.5 mm Signal Double Lock (2.5 SDL) Connectors
(Wire-to-Board and Wire-to-Wire)
AMP
Soft Shell
Pin and Socket Connectors
Product Facts
I
Connector for signal circuits
with one row of contacts on
2.5 mm centerline
I
Wire-to-board and wire-to-
wire connectors, consisting
of plug and cap housings for
wire termination and PC
board-mount post headers
I
Mounted to plug and cap
housings for wire
application, double lock
plate provides for positive
loading of contacts in the
housing. It also helps
contacts mate completely
I
Double lock plate is
contained within the plug
and cap housing completely,
which provides neat overall
appearance
I
Accepts 26-20 AWG wire
(e.g. UL 1007, 1061, 1571,
etc.) with insulation
diameters of up to 1.8 mm
I
PC board-mount post header
is available in two styles:
standard profile and high
profile
I
High-profile post header has
locking feature at location
fit to resin coating, which is
applied onto the board for
waterproof protection as in
home appliances. It does not
hamper mating and locking
of post header with plug
housing
I
Locking structure is inner-
lock type and has a clean
surface
I
Solder tail section of post
header is provided with kinks
to retain the header firmly on
PC board during soldering
I
Radial tape-mounted version
of post header is also
available that is applicable
to radial mounting machines
I
Recognized under the
Component Program
of Underwriters Laboratories
Inc., File No. E28476
I
Certified by Canadian
Standards Association,
File No. LR7189
I
VDE Approved, File No.
B 04 11 39175013
2.5 mm Signal Double Lock
Connectors (2.5 SDL) are
2.5 mm centerline, com-
pact, one-row connectors
for signal circuits.
With contacts on 2.5 mm
centerline, both wire-to-wire
and wire-to-board connec-
tors are available.
The connectors consist of
plug and cap housings for
wire termination, double
lock plates for plug and cap
housings, crimp snap-in
contacts, and a PC board-
mount post header. A dou-
ble lock plate is available
for both plug and wire-to-
wire cap housing to provide
for positive loading. It helps
prevent contacts from com-
ing off or mating halfway.
The plate is contained within
the plug and cap housing
completely. The plug and
cap housing can be used
without a double lock plate.
The connector accepts 26-
20 AWG wire (e.g. UL 1007,
1061, 1571, etc.) with insu-
lation diameters of up to
1.8 mm.
The PC board-mount post
header is available in two
styles: standard profile and
high profile.
The high-profile type con-
nectors can be used for
home appliances, which
require waterproof protec-
tion. It does not hamper
mating and locking of the
post header with the plug
housing, even if the board
has resin coating on it.
The locking structure is
inner-lock type and has a
clean surface.
The solder tail of the loose-
piece post header has kinks
to secure the connector
on the PC board until it is
soldered.
Radial tape-mounted ver-
sion of post header is also
available and this is appli-
cable to radial mounting
machines.
Performance Characteristics
Voltage Rating—50 VAC/DC
Current Rating—3 A
Overall Resistance—
10 m
Ω max. (initial)
20 m
Ω max. (final)
Insulation Resistance—
500
Ω (500 VDC)
Dielectric Withstanding Voltage—
1,100 VAC, one minute
Contact Resistance—20 m
Ω max.
Operating Temperature—
-30°~ + 105˚C
(The upper limit includes temperature
rise from power carrying)
Applicable Wire—26-20 AWG (UL
1007, 1061, 1571)
Wire Insulation Range—
0.93~ 1.8 mm
PC Board Thickness—1.6 mm
Technical Documents
Product Specification
108-5459
Application Specification
114-5203
Note: Dimensions shown are metric.
R
R


Similar Part No. - 2-794615-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-794615-2 TEC-2-794615-2 Datasheet
157Kb / 1P
   PLUG HOUSING, 2 to 24 POSITION DUAL ROW, PANEL MOUNT MICRO MATE-N-LOK(TM)
More results

Similar Description - 2-794615-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com