Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1470359-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3-1470359-8
Description  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1470359-8 Datasheet(HTML) 1 Page - Tyco Electronics

  3-1470359-8 Datasheet HTML 1Page - Tyco Electronics 3-1470359-8 Datasheet HTML 2Page - Tyco Electronics 3-1470359-8 Datasheet HTML 3Page - Tyco Electronics 3-1470359-8 Datasheet HTML 4Page - Tyco Electronics 3-1470359-8 Datasheet HTML 5Page - Tyco Electronics 3-1470359-8 Datasheet HTML 6Page - Tyco Electronics 3-1470359-8 Datasheet HTML 7Page - Tyco Electronics 3-1470359-8 Datasheet HTML 8Page - Tyco Electronics 3-1470359-8 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Facts
Available in ZIF and non-ZIF
Available in 0.3, 0.5, 1.0,
and 1.25mm Centerlines
Available Tin-Lead or Lead-
Free
SMT, Thu-Hole, Vertical and
Right-Angle
Right-Angle Available Top
or Bottom Contact
As the demands for higher-
density packaging of elec-
tronic equipment increases,
the use of flexible printed
circuits (FPC) to reduce
size, weight and assembly
costs has expanded. FPC
is finding wide acceptance
in the computer industry,
particularly in such applica-
tions as Lap Top, Notebook,
Palm Top and Note Pad
Computers. Other markets
include: Disk Drives, Printers,
Plotters, Copiers, Cellular
Phones, and Medical
Equipment.
Tyco Electronics FPC
connectors have been
developed to meet the chal-
lenges of this expanding
market. Available in center-
line spacings 0.3 [.012], 0.5
[.020],1.0 [.039], and 1.25
[.049] all incorporating low
profile and light-weight fea-
tures.
For custom parts, modifica-
tion, or any inquiries,
please contact your
nearest Tyco Electronics
Representatives or visit
our website
http://www.tycoelectronics.com
Part Number
Pb Free
Pitch
ZIF
SMT /
Vertical /
Contact
Circuit
Type
Page
Part Number
Thu-Hole
Right-Angle
Type
Range
A/B
Number
1746237
1746237
0.3
ZIF
SMT
Right-Angle
Bottom
27, 39
A
2
1470731
1734742
0.5
ZIF
SMT
Vertical
4 - 40P
A
3
1470359
1734839
0.5
ZIF
SMT
Right-Angle
Top
5 - 50P
Inline
4 & 5
1470360
1734592
0.5
ZIF
SMT
Right-Angle
Bottom
5 - 50P
Inline
6 & 7
440347
1734248
1.0
ZIF
SMT
Vertical
3 - 40P
2 Row
8 & 9
487951
84953
1.0
ZIF
SMT
Right-Angle
Top
4 - 30P
Inline
10 &11
487952
84952
1.0
ZIF
SMT
Right-Angle
Bottom
4 - 30P
Inline
12 &13
84982
84982
1.0
NonZIF
SMT
Vertical
4 - 40P
A
14 &15
84981
84981
1.0
NonZIF
SMT
Right-Angle
Top
4 - 40P
Inline
16 &17
1470852
1734798
1.0
NonZIF
SMT
Right-Angle
Bottom
4 - 30P
Inline
18 &19
84984
84984
1.0
NonZIF
Thu-Hole
Vertical
4 - 40P
A
20 & 21
84983
84983
1.0
NonZIF
Thu-Hole
Right-Angle
Top
4 - 40P
A
22 & 23
1470790
1734779
1.0
NonZIF
Thu-Hole
Right-Angle
Bottom
4 - 30P
B
24 & 25
84534
84534
1.25
NonZIF
Thu-Hole
Vertical
4 - 40P
A
26 & 27
84533
84533
1.25
NonZIF
Thu-Hole
Right-Angle
Top
4 - 40P
A
28 & 29
©2006 by Tyco Electronics Corporation.
All Rights Reserved.
Tyco amd AMP are trademarks.
Need more information?
Call Technical Support at the
numbers listed below.
Technical Support is staffed
with specialists well versed
in Tyco Electronics products.
They can provide you with:
Technical support
Catalogs
Technical Documents
Product Samples
Authorized Distributor
Locations


Similar Part No. - 3-1470359-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1470359-8 MACOM-3-1470359-8 Datasheet
643Kb / 32P
   FPC Connector Family
3-1470359-8 MACOM-3-1470359-8 Datasheet
662Kb / 32P
   FPC Connector Family
More results

Similar Description - 3-1470359-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com