Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1437285-9 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 2-1437285-9
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437285-9 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 2-1437285-9 Datasheet HTML 6Page - Tyco Electronics 2-1437285-9 Datasheet HTML 7Page - Tyco Electronics 2-1437285-9 Datasheet HTML 8Page - Tyco Electronics 2-1437285-9 Datasheet HTML 9Page - Tyco Electronics 2-1437285-9 Datasheet HTML 10Page - Tyco Electronics 2-1437285-9 Datasheet HTML 11Page - Tyco Electronics 2-1437285-9 Datasheet HTML 12Page - Tyco Electronics 2-1437285-9 Datasheet HTML 13Page - Tyco Electronics 2-1437285-9 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Product Specification
108-78140
Rev. A8
10 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.15
Seal
Ability
Seal
Ability
is
measured
with
compressed
air
fed
into
the
water-proof
section
of
the
connector.
Before
runnig
the
test,
the
tip
of
the
wire
is
soldered
and
then
sealed
with
adhesives.
(Fig.4)
Measurement
is
taken
with
9800Pa(gage)(0.1kg/c㎡)compressed
air
fed
into
the
connector
submerged
for
duration
of
30
seconds.
If
the
air
does
not
leak
for
30
seconds,
the
pressure
is
raised
each
tine
by
an
increment
of
9800Pa(gage)(0.1kg/c㎡).
Adhesive
Soldering
Lead
Fig.4
Fig.4
Fig.4
Fig.4
Initial:
98kPa(gage)
(1kg/cm
2
)or
more
After
Durability
Test:
48kPa(gage)
(0.5kg/cm
2
)or
more


Similar Part No. - 2-1437285-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437285-2 MACOM-2-1437285-2 Datasheet
2Mb / 28P
   AMP SUPERSEAL Connectors
2-1437285-3 MACOM-2-1437285-3 Datasheet
2Mb / 28P
   AMP SUPERSEAL Connectors
More results

Similar Description - 2-1437285-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com