Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6473423-2 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 6473423-2
Description  SUPER SEAL CONNECTOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6473423-2 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 6473423-2 Datasheet HTML 7Page - Tyco Electronics 6473423-2 Datasheet HTML 8Page - Tyco Electronics 6473423-2 Datasheet HTML 9Page - Tyco Electronics 6473423-2 Datasheet HTML 10Page - Tyco Electronics 6473423-2 Datasheet HTML 11Page - Tyco Electronics 6473423-2 Datasheet HTML 12Page - Tyco Electronics 6473423-2 Datasheet HTML 13Page - Tyco Electronics 6473423-2 Datasheet HTML 14Page - Tyco Electronics 6473423-2 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Product Specification
108-78140
Rev. A8
11 of 41
No.
ITEM
MEASUREMENT
METHOD
PERFORMANCE
7.16
Temperature
Rise
Magnitude
Temperature
Rise
Test
of
item
No.8.16
is
made
and
temperature
of
connector
surface
near
the
mated
interface
of
the
contact,
is
measured
when
the
temperature
has
saturated.
Temperature
rise:
60℃
or
less.
7.17
Intermittent
Discontinuity
Power
of
12V
or
less
open
voltage
and
1A
or
less
short
circuit
current
is
applied
to
the
mated
connector
with
the
contacts
in
all
positions
connected
in
series
and
then
intermittent
discontinuity
is
monitored
with
an
intermittent
discontinuity
detector.(Fig.5)
Intermittent
Discontinuity
Checker
Fig.
5
Connector
Intermittent
discontinuity
shall
not
last
for
10
μsec
or
more.


Similar Part No. - 6473423-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6473423-2 MACOM-6473423-2 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
More results

Similar Description - 6473423-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1437287-8 MACOM-9-1437287-8 Datasheet
505Kb / 3P
   SUPER SEAL CONNECTOR CAP HOUSING 26POS. ASSY
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
logo
PHOENIX CONTACT
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
   Seal - DCS D-SEAL 3,0MM
09/12/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
   Seal
logo
PHOENIX CONTACT
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
   Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
   CABLE SEAL
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
   GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
   Seal - SAC-VP-SEAL-SIL/RD OD
logo
Rosenberger Hochfrequen...
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
   Glass Seal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com