Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3981 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 4 Page - Texas Instruments

  LP3981 Datasheet HTML 1Page - Texas Instruments LP3981 Datasheet HTML 2Page - Texas Instruments LP3981 Datasheet HTML 3Page - Texas Instruments LP3981 Datasheet HTML 4Page - Texas Instruments LP3981 Datasheet HTML 5Page - Texas Instruments LP3981 Datasheet HTML 6Page - Texas Instruments LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
equations:
where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and θ JA is the
LP3981
SNVS159G – OCTOBER 2001 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
VIN, VEN
−0.3 to 6.5V
VOUT, VOUT-SENSE
−0.3 to VIN + 0.3, Max 6.5V
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Lead Temp.
Pad Temp.
Power Dissipation (4)
θJA (VSSOP-8)
210°C/W
θJA (WSON-6)
50°C/W
Maximum Power Dissipation at 25°C
VSSOP-8
595mW
WSON-6
2.5W
ESD Rating(5)
Human Body Model
2kV
Machine Model
200V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The figures given for Absolute Maximum Power dissipation for the device are calculated using the following
junction-to-ambient thermal resistance. E.g. for the WSON package
θ JA=50°C/W, TJ(MAX)=150°C and using TA=25°C the maximum
power dissipation is found to be 2.5W. The derating factor (
−1/θJA) = −20mW/°C, thus below 25°C the power dissipation figure can be
increased by 20 mW per degree, and similarity decreased by this factor for temperatures above 25°C
(5)
The human body model is 100pF discharged through 1.5k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Operating Ratings
(1) (2)
VIN
2.7 to 6V
VEN
0 to VIN
Junction Temperature
−40°C to +125°C
Maximum Power Dissipation (3)
VSSOP-8
476mW
WSON-6
2.0W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
As for the Maximum Power dissipation, the maximum power in operation is dependant on the ambient temperature. This can be
calculated in the same way using TJ=125°C, giving 2W as the maximum power dissipation for the WSON package in operation. The
same derating factor applies.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3981


Similar Part No. - LP3981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3981 TI-LP3981 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI1-LP3981 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3981ILD-3.3 TI-LP3981ILD-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com