Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3982ILD-2.5 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3982ILD-2.5
Description  LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3982ILD-2.5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3982ILD-2.5 Datasheet HTML 7Page - Texas Instruments LP3982ILD-2.5 Datasheet HTML 8Page - Texas Instruments LP3982ILD-2.5 Datasheet HTML 9Page - Texas Instruments LP3982ILD-2.5 Datasheet HTML 10Page - Texas Instruments LP3982ILD-2.5 Datasheet HTML 11Page - Texas Instruments LP3982ILD-2.5 Datasheet HTML 12Page - Texas Instruments LP3982ILD-2.5 Datasheet HTML 13Page - Texas Instruments LP3982ILD-2.5 Datasheet HTML 14Page - Texas Instruments LP3982ILD-2.5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
-t
=
CDELAY
-
VO
VREF
RPln 1
+
-
SHDN
GND
IN
OUT
LP3982
FAULT
100k
VIN
CC
LMC7225
RESET
CDELAY
RP
VO = 3V
0.12F

6JA
(160 - TA)
(0.300 x VD)
LP3982
www.ti.com
SNVS185D – FEBRUARY 2002 – REVISED APRIL 2013
(6)
Fault Detection
The LP3982 provides a FAULT pin that goes low during out of regulation conditions like current limit and thermal
shutdown, or when it approaches dropout. The latter monitors the input-to-output voltage differential and
compares it against a threshold that is slightly above the dropout voltage. This threshold also tracks the dropout
voltage as it varies with load current. Refer to Figure 4 in the typical characteristics section.
The FAULT pin requires a pull-up resistor since it is an open-drain output. This resistor should be large in value
to reduce energy drain. A 100 k
Ω pull-up resistor works well for most applications.
Figure 20 shows the LP3985 with delay added to the FAULT pin for the reset pin of a microprocessor. The
output of the comparator stays low for a preset amount of time after the regulator comes out of a fault condition.
Figure 20. Power on Delayed Reset Application
The delay time for the application of Figure 20 is set as follows:
(7)
The application is set for a reset delay time of 8.8 ms. Note that the comparator should have high impedance
inputs so as to not load down the VREF at the CC pin of the LP3982.
Shutdown
The LP3982 goes into sleep mode when the SHDN pin is in a logic low condition. During this condition, the pass
transistor, error amplifier, and bandgap are turned off, reducing the supply current to 1 nA typical. The maximum
voltage for a logic low at the SHDN pin is 0.4V. A minimum voltage of 2V at the SHDN pin will turn the LP3982
back on. The SHDN pin may be directly tied to VIN to keep the part on. The SHDN pin may exceed VIN but not
the ABS MAX of 6.5V.
Figure 21 shows an application that uses the SHDN pin. It detects when the battery is too low and disconnects
the load by turning off the regulator. A micropower comparator (LMC7215) and reference (LM385) are combined
with resistors to set the minimum battery voltage. At the minimum battery voltage, the comparator output goes
low and tuns off the LP3982 and corresponding load. Hysteresis is added to the minimum battery threshold to
prevent the battery's recovery voltage from falsely indicating an above minimum condition. When the load is
disconnected from the battery, it automatically increases in terminal voltage because of the reduced IR drop
across its internal resistance. The Minimum battery detector of Figure 21 has a low detection threshold (VLT) of
3.6V that corresponds to the minimum battery voltage. The upper threshold (VUT) is set for 4.6V in order to
exceed the recovery voltage of the battery.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3982


Similar Part No. - LP3982ILD-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982ILD-2.5 NSC-LP3982ILD-2.5 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
Texas Instruments
LP3982ILD-2.5 TI-LP3982ILD-2.5 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982ILD-2.5 TI-LP3982ILD-2.5 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982ILD-2.5/NOPB TI1-LP3982ILD-2.5/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
More results

Similar Description - LP3982ILD-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
[Old version datasheet]   LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
[Old version datasheet]   LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com