Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2980-N Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2980-N
Description  LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2980-N Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2980-N Datasheet HTML 6Page - Texas Instruments LP2980-N Datasheet HTML 7Page - Texas Instruments LP2980-N Datasheet HTML 8Page - Texas Instruments LP2980-N Datasheet HTML 9Page - Texas Instruments LP2980-N Datasheet HTML 10Page - Texas Instruments LP2980-N Datasheet HTML 11Page - Texas Instruments LP2980-N Datasheet HTML 12Page - Texas Instruments LP2980-N Datasheet HTML 13Page - Texas Instruments LP2980-N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LP2980-N
SNOS733M – APRIL 2000 – REVISED JUNE 2013
www.ti.com
APPLICATION HINTS
OUTPUT CAPACITOR
Like any low-dropout regulator, the LP2980-N requires an output capacitor to maintain regulator loop stability.
This capacitor must be selected to meet the requirements of minimum capacitance and equivalent series
resistance (ESR) range. It is not difficult to find capacitors which meet the criteria of the LP2980-N, as the
acceptable capacitance and ESR ranges are wider than for most other LDOs.
In general, the capacitor value must be at least 1
μF (over the actual ambient operating temperature), and the
ESR must be within the range indicated in Figure 34, Figure 35 and Figure 36. It should be noted that, although
a maximum ESR is shown in these Figures, it is very unlikely to find a capacitor with ESR that high.
Tantalum Capacitors
Surface-mountable solid tantalum capacitors offer a good combination of small physical size for the capacitance
value, and ESR in the range needed by the LP2980-N.
The results of testing the LP2980-N stability with surface-mount solid tantalum capacitors show good stability
with values of at least 1
μF. The value can be increased to 2.2 μF (or more) for even better performance,
including transient response and noise.
Small value tantalum capacitors that have been verified as suitable for use with the LP2980-N are shown in
Table 1. Capacitance values can be increased without limit.
Aluminum Electrolytic Capacitors
Although probably not a good choice for a production design, because of relatively large physical size, an
aluminum electrolytic capacitor can be used in the design prototype for an LP2980-N regulator. A value of at
least 1
μF should be used, and the ESR must meet the conditions of Figure 34, Figure 35 and Figure 36. If the
operating temperature drops below 0°C, the regulator may not remain stable, as the ESR of the aluminum
electrolytic capacitor will increase, and may exceed the limits indicated in the Figures.
Table 1. Surface-Mount Tantalum Capacitor
Selection Guide
1
μF Surface-Mount Tantalums
Manufacturer
Part Number
Kemet
T491A105M010AS
NEC
NRU105M10
Siemens
B45196-E3105-K
Nichicon
F931C105MA
Sprague
293D105X0016A2T
2.2
μF Surface-Mount Tantalums
Manufacturer
Part Number
Kemet
T491A225M010AS
NEC
NRU225M06
Siemens
B45196/2.2/10/10
Nichicon
F930J225MA
Sprague
293D225X0010A2T
Multilayer Ceramic Capacitors
Surface-mountable multilayer ceramic capacitors may be an attractive choice because of their relatively small
physical size and excellent RF characteristics. However, they sometimes have ESR values lower than the
minimum required by the LP2980-N, and relatively large capacitance change with temperature. The
manufacturer's datasheet for the capacitor should be consulted before selecting a value.
Test results of LP2980-N stability using multilayer ceramic capacitors show that a minimum value of 2.2
μF is
usually needed for the 5V regulator. For the lower output voltages, or for better performance, a higher value
should be used, such as 4.7
μF.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2980-N


Similar Part No. - LP2980-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
More results

Similar Description - LP2980-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980IM5-3.3 TI-LP2980IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980AIM5-3.3 TI-LP2980AIM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5-ADJ TI1-LP2980IM5-ADJ Datasheet
945Kb / 18P
[Old version datasheet]   LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2980-ADJ TI-LP2980-ADJ_15 Datasheet
928Kb / 18P
[Old version datasheet]   LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com