Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3981IMM-3.03 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981IMM-3.03
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981IMM-3.03 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3981IMM-3.03 Datasheet HTML 6Page - Texas Instruments LP3981IMM-3.03 Datasheet HTML 7Page - Texas Instruments LP3981IMM-3.03 Datasheet HTML 8Page - Texas Instruments LP3981IMM-3.03 Datasheet HTML 9Page - Texas Instruments LP3981IMM-3.03 Datasheet HTML 10Page - Texas Instruments LP3981IMM-3.03 Datasheet HTML 11Page - Texas Instruments LP3981IMM-3.03 Datasheet HTML 12Page - Texas Instruments LP3981IMM-3.03 Datasheet HTML 13Page - Texas Instruments LP3981IMM-3.03 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LP3981
SNVS159G – OCTOBER 2001 – REVISED MAY 2013
www.ti.com
APPLICATION HINTS
POWER DISSIPATION AND DEVICE OPERATION
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the IC, to the ultimate heat sink, the ambient environment. Thus, the power
dissipation is dependant on the ambient temperature and the thermal resistance across the various interfaces
between the die and ambient air.
As stated in the notes for Absolute Maximum Ratings and Operating Ratings, the allowable power dissipation for
the device in a given package can be calculated using the equation:
(1)
With a
θJA = 50°C/W, the device in the WSON package returns a value of 2.0W with a maximum junction
temperature of 125°C and an ambient temperature of 25°C. The device in a VSSOP package returns a figure of
0.476W, (
θJA = 210°C/W).
The actual power dissipation across the device can be represented by the following equation:
PD = (VIN − VOUT) x IOUT
(2)
This establishes the relationship between the power dissipation allowed due to thermal considerations, the
voltage drop across the device, and the continuous current capability of the device. The device can deliver
300mA but care must be taken when choosing the continuous current output for the device under the operating
load conditions.
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP3981 requires external capacitors for regulator stability. The LP3981 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
INPUT CAPACITOR
An input capacitance of
≊ 2.2µF is required between the LP3981 input pin and ground (the amount of the
capacitance may be increased without limit).
This capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low-
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be specified by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must be
considered when selecting the capacitor to ensure the capacitance will be
≊ 2.2µF over the entire operating
temperature range.
OUTPUT CAPACITOR
The LP3981 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor
(dielectric types Z5U, Y5V or X7R) in 2.2 to 22 µF range with 5m
Ω to 500mΩ ESR range is suitable in the
LP3981 application circuit.
It may also be possible to use tantalum or film capacitors at the output, but these are not as attractive for
reasons of size and cost (see CAPACITOR CHARACTERISTICS).
The output capacitor must meet the requirement for minimum amount of capacitance and also have an ESR
(Equivalent Series Resistance) value which is within a stable range (5 m
Ω to 500 mΩ).
NO-LOAD STABILITY
The LP3981 will remain stable and in regulation with no external load. This is specially important in CMOS RAM
keep-alive applications.
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3981


Similar Part No. - LP3981IMM-3.03

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981IMM-3.03 NSC-LP3981IMM-3.03 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Texas Instruments
LP3981IMM-3.03 TI-LP3981IMM-3.03 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.03 TI-LP3981IMM-3.03 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.03 TI1-LP3981IMM-3.03 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3981IMM-3.03/NOPB TI1-LP3981IMM-3.03/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3981IMM-3.03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
[Old version datasheet]   LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
   Micropower, 300mA Ultra Low-Dropout CMOS Voltage
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com