Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2980IM5X-2.5 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2980IM5X-2.5
Description  LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2980IM5X-2.5 Datasheet(HTML) 4 Page - Texas Instruments

  LP2980IM5X-2.5 Datasheet HTML 1Page - Texas Instruments LP2980IM5X-2.5 Datasheet HTML 2Page - Texas Instruments LP2980IM5X-2.5 Datasheet HTML 3Page - Texas Instruments LP2980IM5X-2.5 Datasheet HTML 4Page - Texas Instruments LP2980IM5X-2.5 Datasheet HTML 5Page - Texas Instruments LP2980IM5X-2.5 Datasheet HTML 6Page - Texas Instruments LP2980IM5X-2.5 Datasheet HTML 7Page - Texas Instruments LP2980IM5X-2.5 Datasheet HTML 8Page - Texas Instruments LP2980IM5X-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP2980-N
SNOS733M – APRIL 2000 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2980AI-XX(1)
LP2980I-XX(1)
Units
Min
Max
Min
Max
IL = 0
95
95
65
125
125
IL = 1 mA
110
110
80
170
170
IGND
Ground Pin Current
IL = 10 mA
220
220
μA
140
460
460
IL = 50 mA
600
600
375
1200
1200
VON/OFF < 0.18V
0
1
1
VON/OFF
ON/OFF Input Voltage(3)
High = O/P ON
1.4
1.6
1.6
V
Low = O/P OFF
0.55
0.18
0.18
ION/OFF
ON/OFF Input Current
VON/OFF = 0
0
−1
−1
μA
VON/OFF = 5V
5
15
15
IO(PK)
Peak Output Current
VOUT ≥ VO(NOM) − 5%
150
100
100
mA
en
Output Noise Voltage
BW = 300 Hz–50 kHz, COUT
160
μV
(RMS)
= 10
μF
f = 1 kHz
Ripple Rejection
63
dB
COUT = 10 μF
IO(MAX)
Short Circuit Current
RL = 0 (Steady State)
(4)
150
mA
(3)
The ON/OFF inputs must be properly driven to prevent misoperation. For details, refer to ON/OFF INPUT OPERATION.
(4)
See related curve(s) in TYPICAL PERFORMANCE CHARACTERISTICS section.
Typical Application Circuit
*ON/OFF input must be actively terminated. Tie to VIN if this function is not to be used.
**Minimum Output Capacitance is 1
μF to insure stability over full load current range. More capacitance provides
superior dynamic performance and additional stability margin (see APPLICATION HINTS).
***Do not make connections to this pin.
Figure 3.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2980-N


Similar Part No. - LP2980IM5X-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980IM5X-2.5 NSC-LP2980IM5X-2.5 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2980IM5X-2.5 TI1-LP2980IM5X-2.5 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-2.5 TI1-LP2980IM5X-2.5 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-2.5 TI-LP2980IM5X-2.5 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-2.5 TI-LP2980IM5X-2.5 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
More results

Similar Description - LP2980IM5X-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980AIM5-5.0 TI-LP2980AIM5-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980AIM5-3.3 TI-LP2980AIM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5-ADJ TI1-LP2980IM5-ADJ Datasheet
945Kb / 18P
[Old version datasheet]   LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2980-ADJ TI-LP2980-ADJ_15 Datasheet
928Kb / 18P
[Old version datasheet]   LP2980-ADJ Micropower 50 mA Ultra Low-Dropout Adjustable Voltage Regulator in SOT-23
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com