Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722MM Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV722MM
Description  LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV722MM Datasheet(HTML) 3 Page - Texas Instruments

  LMV722MM Datasheet HTML 1Page - Texas Instruments LMV722MM Datasheet HTML 2Page - Texas Instruments LMV722MM Datasheet HTML 3Page - Texas Instruments LMV722MM Datasheet HTML 4Page - Texas Instruments LMV722MM Datasheet HTML 5Page - Texas Instruments LMV722MM Datasheet HTML 6Page - Texas Instruments LMV722MM Datasheet HTML 7Page - Texas Instruments LMV722MM Datasheet HTML 8Page - Texas Instruments LMV722MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LMV721-N, LMV722-N
www.ti.com
SNOS414I – AUGUST 1999 – REVISED AUGUST 2013
2.2V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 2.2V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Limit (2)
Units
VO
Output Swing
RL = 600Ω to V
+/2
2.125
2.090
V
2.065
min
0.071
0.120
V
0.145
max
RL = 2kΩ to V
+/2
2.177
2.150
V
2.125
min
0.056
0.080
V
0.105
max
IO
Output Current
Sourcing, VO = 0V
14.9
10.0
mA
VIN(diff) = ± 0.5V
5.0
min
Sinking, VO = 2.2V
17.6
10.0
mA
VIN(diff) = ± 0.5V
5.0
min
IS
Supply Current
LMV721-N
0.93
1.2
1.5
mA
max
LMV722
1.81
2.2
2.6
2.2V AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 2.2V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1
M
Ω.Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Units
SR
Slew Rate
(2)
4.9
V/
μs
GBW
Gain-Bandwidth Product
10
MHz
Φm
Phase Margin
67.4
Deg
Gm
Gain Margin
−9.8
dB
en
Input-Referred Voltage Noise
f = 1 kHz
9
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.3
pA/
√Hz
THD
Total Harmonic Distortion
f = 1 kHz AV = 1
0.004
%
RL = 600Ω, VO = 500 mVPP
(1)
Typical Values represent the most likely parametric norm.
(2)
Connected as voltage follower with 1V step input. Number specified is the slower of the positive and negative slew rate.
5V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 5V, V= 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Typ (1)
Limit (2)
Units
VOS
Input Offset Voltage
−0.08
3
mV
3.5
max
TCVOS
Input Offset Voltage Average Drift
0.6
μV/°C
IB
Input Bias Current
260
nA
IOS
Input Offset Current
25
nA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 4.1V
89
70
dB
64
min
PSRR
Power Supply Rejection Ratio
2.2V
≤ V+ ≤ 5.0V, VO = 0 VCM = 0
90
70
dB
64
min
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50dB
−0.30
V
4.1
V
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV721-N LMV722-N


Similar Part No. - LMV722MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV722MM NSC-LMV722MM Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV722MM TI1-LMV722MM Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV722MM TI1-LMV722MM Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Guangdong Youtai Semico...
LMV722MM UMW-LMV722MM Datasheet
4Mb / 18P
   10MHz, RRIO CMOSOperational Amplifiers
logo
Texas Instruments
LMV722MM/NOPB TI1-LMV722MM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
More results

Similar Description - LMV722MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721-N TI1-LMV721-N Datasheet
1Mb / 27P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721 NSC-LMV721_06 Datasheet
927Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz Low-Noise, Low-Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com