Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-2064863-X Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # X-2064863-X
Description  Fiber Optic Products
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X-2064863-X Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button X-2064863-X Datasheet HTML 91Page - List of Unclassifed Manufacturers X-2064863-X Datasheet HTML 92Page - List of Unclassifed Manufacturers X-2064863-X Datasheet HTML 93Page - List of Unclassifed Manufacturers X-2064863-X Datasheet HTML 94Page - List of Unclassifed Manufacturers X-2064863-X Datasheet HTML 95Page - List of Unclassifed Manufacturers X-2064863-X Datasheet HTML 96Page - List of Unclassifed Manufacturers X-2064863-X Datasheet HTML 97Page - List of Unclassifed Manufacturers X-2064863-X Datasheet HTML 98Page - List of Unclassifed Manufacturers X-2064863-X Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
95
Catalog 1307895
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Fiber Optic Products Catalog
5
PRO BEAM Expanded Beam Rugged Optics Products (Continued)
Technical Data
Mil-Standard Distribution
Cable — 2 Fiber Singlemode
Attenuation —
≤ 0.5 dB/km @
1310 nm /
≤ 0.5 dB/km @ 1550 nm
Diameter — 5.8 mm
Weight — 25 kg/km
Minimum Bending Radius — 29 mm
Crush Resistance — 2000 N/cm
Operating Temperature —
-55° C to +85° C
Mil-Standard Distribution
Cable — 4 Fiber Singlemode
Attenuation —
≤ 0.5 dB/km @
1310 nm /
≤ 0.5 dB/km @ 1550 nm
Diameter — 5.8 mm
Weight — 27 kg/km
Minimum Bending Radius — 28 mm
Crush Resistance — 2000 N/cm
Operating Temperature —
-55° C to +85° C
Mil-Standard Distribution
Cable — 2 Fiber Multimode
Fiber Type — 50 µm/125 µm and
62.5/125
Attenuation —
≤ 3.5 dB/km @ 850 nm /
≤ 1.0 dB/km @ 1300 (62.5/125);
≤ 3.5 dB/km @ 850 nm / ≤ 1.5 dB/km @
1300 (50/125)
Mil-Standard Distribution
Cable — 4 Fiber Multimode
Fiber Type — 50 µm/125 µm and
62.5/125
Attenuation —
≤ 3.5 dB/km @ 850 nm /
≤ 1.0 dB/km @ 1300 (62.5/125);
≤ 3.5 dB/km @ 850 nm / ≤ 1.5 dB/km @
1300 (80/125)
Other fibers (i.e. Polyimide,
Silicon buffer, Carbon
coated, radiation hardened,
etc.) are available upon
request.
Contact TE or your local
TE Sales Representative for
part numbers, pricing, and
availability.
ARMOR-LIGHT Tactical
Field Deployable Fiber
Optic Cable for Extreme
Environments (Metallic for
Rodent Proof)
Non-Metallic Tactical Field Deployable Fiber Optic Cable
4-Color Optical Fiber Cable Specification for Armored Cable for Ruggedized Applications
Construction:
I
4-color coded fibers
I
Fiber types 50/125/250 µm,
62.5/125/250 µm and 9/125/250 µm
I
Stainless steel gel filled tube
I
Stainless steel wire
I
Jacket — Nylon, black
Gel Filled
Stainless
Steel Tube
PA Jacket
Stainless
Steel Wires
Primary
Coated Fiber
2-Color Optical Fiber Cable Specification for Armored Cable for Ruggedized Applications
Construction:
I
2-color coded fibers
I
Fiber types 50/125/250 µm,
62.5/125/250 µm and 9/125/250 µm
I
Stainless steel gel filled tube
I
Stainless steel wire
I
Jacket — Nylon, black
Gel Filled
Stainless
Steel Tube
PA Jacket
Stainless
Steel Wires
Primary
Coated Fiber
Product Facts
I
All terrain field deployable
cable, up to 4 fibers,
singlemode or multimode
I
Developed for deployment
under the most demanding
conditions
I
Tight buffered fibers are
protected by Aramid yarns
and a tough ruggedized
polyurethane sheath
I
Tested in accordance with
MIL-PRF-85045
I
Flexible, water resistant,
high crush resistant, and
lightweight,
I
Designs available to be
resilient against radiation
exposure
Fiber
Part
Outside
Weight
Max. Attenuation dB/km
Bandwidth MHz-km
Type
Number
Dia. (mm)
kg/km
850 nm
1300 nm
1310 nm
1550 nm
850 nm
1300 nm
62.5/125
1588957-1
3.8
24
3.5
1.0
XX
160
500
50/125
1588957-2
3.8
24
2.7
0.9
XX
400
1200
SM
1588957-4
3.8
24
XX
0.40
0.25
XX
Notes: 35 mm recommended bend radius.
3.1 kN breaking strength.
Fiber
Part
Outside
Weight
Max. Attenuation dB/km
Bandwidth MHz-km
Type
Number
Dia. (mm)
kg/km
850 nm
1300 nm
1310 nm
1550 nm
850 nm
1300 nm
62.5/125
1693808-1
3.8
24
3.5
1.0
XX
160
500
50/125
1693808-2
3.8
24
2.7
0.9
XX
400
1200
SM
1693808-4
3.8
24
XX
0.40
0.25
XX
Notes: 35 mm recommended bend radius.
3.1 kN breaking strength.
Note: All part numbers are RoHS compliant.


Similar Part No. - X-2064863-X

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
X-206425-X TEC-X-206425-X Datasheet
342Kb / 1P
   APPLICATION RANGE
More results

Similar Description - X-2064863-X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
504646-1 MACOM-504646-1 Datasheet
1Mb / 74P
   Fiber Optic Products Catalog
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com